Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3098EBESE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3098EBESE
Description  짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3098EBESE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3098EBESE Datasheet HTML 1Page - Maxim Integrated Products MAX3098EBESE Datasheet HTML 2Page - Maxim Integrated Products MAX3098EBESE Datasheet HTML 3Page - Maxim Integrated Products MAX3098EBESE Datasheet HTML 4Page - Maxim Integrated Products MAX3098EBESE Datasheet HTML 5Page - Maxim Integrated Products MAX3098EBESE Datasheet HTML 6Page - Maxim Integrated Products MAX3098EBESE Datasheet HTML 7Page - Maxim Integrated Products MAX3098EBESE Datasheet HTML 8Page - Maxim Integrated Products MAX3098EBESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX3097E/MAX3098E feature three high-speed RS-
485/RS-422 receivers with fault-detection circuitry and
fault-status outputs. The receivers’ inputs have fault
thresholds that detect when the part is not in a valid state.
The MAX3097E/MAX3098E indicate when a receiver
input is in an open-circuit condition, short-circuit condi-
tion, or outside the common-mode range. They also
generate a fault indication when the differential input
voltage goes below a preset threshold. See Ordering
Information or the Electrical Characteristics for thresh-
old values.
The fault circuitry includes a capacitor-programmable
delay to ensure that there are no erroneous fault condi-
tions even at slow edge rates. Each receiver is capable
of accepting data at rates up to 32Mbps.
________________________Applications
RS-485/RS-422 Receivers for Motor-Shaft
Encoders
High-Speed, Triple RS-485/RS-422 Receiver with
Extended Electrostatic Discharge (ESD)
Triple RS-485/RS-422 Receiver with Input Fault
Indication
Telecommunications
Embedded Systems
Features
o Detects the Following RS-485 Faults:
Open-Circuit Condition
Short-Circuit Condition
Low Differential Voltage Signal
Common-Mode Range Violation
o ESD Protection
±15kV—Human Body Model
±15kV—IEC 1000-4-2, Air-Gap Discharge
Method
±8kV—IEC 1000-4-2, Contact Discharge Method
o Single +3V to +5.5V Operation
o -10V to +13.2V Extended Common-Mode Range
o Capacitor-Programmable Delay of Fault Indication
Allows Error-Free Operation at Slow Data Rates
o Independent and Universal Fault Outputs
o 32Mbps Data Rate
o 16-Pin QSOP is 40% Smaller than Industry-
Standard 26LS31/32 Solutions
±15kV ESD-Protected, 32Mbps, 3V/5V,
Triple RS-422/RS-485 Receivers with Fault Detection
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AVCC
ALARMA
OUTA
ALARMB
OUTB
ALARMZ
OUTZ
ALARMD
TOP VIEW
MAX3097E
MAX3098E
QSOP/SO/DIP
A
B
Z
B
Z
GND
DELAY
Pin Configuration
ENCODED SIGNALS
A, A, B, B, Z, Z
MOTOR DRIVER
MOTOR
MOTOR
CONTROLLER
ALARM
OUTPUTS
RECEIVER
OUTPUTS
DSP
8
MAX3097E
MAX3098E
MAX547
12-BIT D/A
Typical Application Circuit
19-1727; Rev 0; 7/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
PART
TEMP. RANGE
PIN-
PACKAGE
MAX3097ECEE
0
°C to +70°C
16 QSOP
MAX3097ECSE
0
°C to +70°C
16 SO
Ordering Information continued at end of data sheet.


Similar Part No. - MAX3098EBESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX309 MAXIM-MAX309 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX309 MAXIM-MAX309 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECPE MAXIM-MAX3093ECPE Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECSE MAXIM-MAX3093ECSE Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
More results

Similar Description - MAX3098EBESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com