Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WOP-3070T-C4AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # WOP-3070T-C4AE
Description  7" WVGA Cortex??- A8 Operator Panel with Wide Operating Temperature Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WOP-3070T-C4AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  WOP-3070T-C4AE Datasheet HTML 1Page - Advantech Co., Ltd. WOP-3070T-C4AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Rear View
WebOP-3070T
Panel Cut Out Dimensions: 192 x 138.5 mm (7.56" x 5.45")
Base View
Ordering Information
ƒ
WOP-3070T-C4AE
7" WVGA, Cortex™-A8, 256MB DDR, WinCE 6.0
Accessories
ƒ
PWR-247-AE
24 V 50 W AC-DC Power Adapter
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1702031836
Power Cable China/Australia Plug 1.8 M
203.4
154
42.5
6
191.4
Isolation Power Input
Isolation Terminal I/O Ports
Mic In / Audio Out
Ethernet
USB Client
COM1 (RS-232/422/485) Micro SD Slot
USB Host
Isolation Terminal I/O Ports


Similar Part No. - WOP-3070T-C4AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WOP-3070T-C4BE ADVANTECH-WOP-3070T-C4BE Datasheet
517Kb / 2P
   7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature
27-Jun-2018
WOP-3070T-C4BE ADVANTECH-WOP-3070T-C4BE Datasheet
510Kb / 2P
   7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com