Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WOP-2040T-N1AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # WOP-2040T-N1AE
Description  4.3" WQVGA Operator Panel with WebOP Designer Software
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WOP-2040T-N1AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  WOP-2040T-N1AE Datasheet HTML 1Page - Advantech Co., Ltd. WOP-2040T-N1AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intelligent Operator Panels
Intelligent Operator Panel
Features
WebOP-2040T
Specifications
General
ƒ
Certification
CE, BSMI, CCC, UL, FCC Class A
ƒ
Dimensions (WxHxD)
130 x 106.2 x 36.4mm (5.11" x 4.18" x 1.43")
ƒ
Cut-out Dimensions
118.5 x 92.5mm (4.66" x 3.64")
ƒ
Front Panel Thickness 5mm
ƒ
Operating System
HMI RTOS, WebOP Designer
ƒ
Power Supply Voltage 24VDC ±10%
ƒ
Power Consumption
5W
ƒ
Enclosure Housing
Plastic
ƒ
Mounting
Panel
ƒ
Weight (Net)
0.3 kg (0.66 lbs)
System Hardware
ƒ
CPU
RISC 32bits, 200MHz
ƒ
Battery Backup Memory 128KB
ƒ
Flash Memory
8MB/ 8MB + 128M NAND flash
ƒ
Power-On LED
Yes
ƒ
Communication LED
No
ƒ
Front USB Access
No
Communication Interface
ƒ
COM1
RS-232/422/485 (DB9 Female)
ƒ
COM2
RS-422/485 (5-Pin Plug Connector)
ƒ
COM3
RS-232 (Com1: Pin5;7;8)
ƒ
Ethernet (RJ45)
10/100-BaseT (for N1AE model)
ƒ
I/Os
USB Client
Yes
USB Host
Yes
Micro-SD Slot
Yes (for N1AE model)
LCD Display and Touchscreen
ƒ
Display Type
WQVGA TFT LCD
ƒ
Display Size
4.3"
ƒ
Max. Resolution
480 x 272
ƒ
Max. Colors
65,536 colors
ƒ
Luminance (cd/m2)
400
ƒ
Backlight Life
LED, 20,000 hrs
ƒ
Dimming
Adjustable by touch panel
ƒ
Touchscreen
4 wire analog resistive
Environment
ƒ
Operating Temperature 0 ~ 50°C (32 ~ 122°F)
ƒ
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
ƒ
Humidity
10 ~ 90% RH @ 40°C, non-condensing
ƒ
Ingress Protection
Front panel: IP66
ƒ
Vibration Protection
Operating, radom vibration 1 Grms (5 ~ 500 Hz)
Ordering Information
ƒ
WOP-2040T-S1AE
4.3" WQVGA, 32MB (SDRAM), 8MB (NOR)
ƒ
WOP-2040T-N1AE
4.3" WQVGA, 32MB (SDRAM), 8MB (NOR) &
128MB (NAND)
ƒ Various LCD sizes (4.3", 5.6", 7", 8", 10.1")
ƒ Supports ARM9-based CPUs with 200MHz and 128MB flash memory
ƒ Supports RTC, battery backup RAM, and Ethernet-based operator panels
ƒ Supports runtime data downloads through Serial, Ethernet, USB
ƒ Supports adjustable brightness controls via touch panel
ƒ Reliable firmware for 24/7 operation
ƒ Supports Windows XP/7/Vista-based WebOP Designer development tool
ƒ Easy to switch one application to different LCD sizes in seconds
ƒ Supports vertical and horizontal application screen rotation
ƒ Supports over 400 PLC industrial communication protocols
ƒ Communicates with up to four types of devices
ƒ Panel mounting for machinery
ƒ Front panel is IP66 compliant
4.3" WQVGA Operator Panel with WebOP
Designer Software
Introduction
To satisfy the stringent standards required in the automation market, especially packaging, label slitting, and motion-based robot dispensing, Advantech offers the WebOP-2000T series
with 200MHz ARM9-based RISC CPU's and 128MB flash memory for application software. The WebOP-2000T series also support a variety of LCD sizes from 4.3" to 10.1" for different
applications involving the use of PLCs, motion/thermal controllers, inverters and sensors. The WebOP-2000T series is bundled with WebOP Designer: a software development kit
which helps create application solutions for labor-saving, improved efficiency of manufacturing and easy control of every machine in the factory. WebOP Designer offers an outstanding
price performance ratio for various markets such as conventional operator panels, HMI + Low mini SCADA systems, and HMI + communication gateways.
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - WOP-2040T-N1AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WOP-204K ADVANTECH-WOP-204K Datasheet
495Kb / 2P
   4.3" WQVGA Operator Panel Installed with HMINavi Software
10-Aug-2021
WOP-204K-NAE ADVANTECH-WOP-204K-NAE Datasheet
495Kb / 2P
   4.3" WQVGA Operator Panel Installed with HMINavi Software
10-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com