Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS-4W5122-4S01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SYS-4W5122-4S01
Description  4U LGA1150 Xeon짰 E3 Server Desktop/Wallmount with 2 x PCIex16 (x8 link), 1 PCIex4,1 PCI Expansion Slots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-4W5122-4S01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SYS-4W5122-4S01_14 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-4W5122-4S01_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
SYS-4W5122-4S01
Ordering Information
Please visit Advantech eStore for order entry
http://buy.advantech.com/
System Content
Item
P/N
Chassis
IPC-5122-00XE
Motherboard
ASMB-584G2-00A1E
Power Supply
PS8-400ATX-ZE (ATX, PFC)
Front View
Rear view
Installation
Dimensions
Unit: mm [inch]
Unit: mm [inch]
8-Ø10
6-Ø5.20
8-Ø5.20
99.50 [3.92]
24 [0.94]
24 [0.94]
176.20 [6.94]
99.50 [3.92]
340 [13.39]
157 [6.18]
Note: Hot swap drive bay module and Slim ODD should be bought separately.
LED Alarm
USB Port
Slim ODD Bay
IDT-3120E
Power Switch
Alarm Reset
System Reset


Similar Part No. - SYS-4W5122-4S01_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4W5122-4U01 ADVANTECH-SYS-4W5122-4U01 Datasheet
469Kb / 2P
   Intel짰 Core??2 Duo MicroATX System with PS/2 Power Supply
SYS-4W5122-4U01 ADVANTECH-SYS-4W5122-4U01_12 Datasheet
2Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX System with PS/2 Power Supply
More results

Similar Description - SYS-4W5122-4S01_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4020-4S01 ADVANTECH-SYS-4U4020-4S01_14 Datasheet
1Mb / 2P
   4U Compact Short-depth Intel짰 Xeon짰 E3 Server with 2 x PCIex16 (x8 link), 1 PCIex4, 1 PCI Expansion Slots, Front USB 3.0
SYS-4U4000-5S01 ADVANTECH-SYS-4U4000-5S01 Datasheet
359Kb / 2P
   4U Server-Grade System with 6 x PCI-X slots / 2 x PCIe x8 slots
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584 ADVANTECH-ASMB-584 Datasheet
680Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
SYS-6W6606-4F01 ADVANTECH-SYS-6W6606-4F01_14 Datasheet
1Mb / 2P
   Intel짰 Core??2 Quad Wallmount/ Desktop PICMG1.0 System with 5 Expansion Slots
ASMB-584 ADVANTECH-ASMB-584_V01 Datasheet
710Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
ASMB-784 ADVANTECH-ASMB-784_V01 Datasheet
721Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??ATX Server Board with 2 PCIe x16 slots (x8 link), 3 PCI, USB 3.0, Quad/Dual LANs
13-Sep-2017
ASMB-784G2-00A1E ADVANTECH-ASMB-784G2-00A1E Datasheet
968Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
ASMB-782G2-00A1E ADVANTECH-ASMB-782G2-00A1E Datasheet
1Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link),2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-782 ADVANTECH-ASMB-782 Datasheet
2Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link), 2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com