Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS-4U4340-4S01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SYS-4U4340-4S01
Description  4U LGA 1150 Intel짰 Xeon짰 E3 V3 Server with Gen 3.0 PCIe, Front USB3.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-4U4340-4S01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SYS-4U4340-4S01_14 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-4U4340-4S01_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pre-configured Systems
Features
SYS-4U4340-4S01
4U LGA 1150 Intel® Xeon® E3 V3
Server with Gen 3.0 PCIe, Front
USB3.0
Specifications
Processor System
CPU
Xeon E3-1275 v3
Xeon E3-1225 v3
Xeon E3-1268 v3
Core i7-4770S
Core i5-4570TE
Core i3-4330
Cores
4
4
4
4
2
2
Speed
3.5
3.2
2.3
3.1
2.7
3.5
L3 Cache
8 MB
8 MB
8 MB
8 MB
4 MB
3 MB
Socket
LGA 1150
Chipset
Intel C226 chipset
BIOS
AMI 128 Mbit SPI (UEFI)
Memory
Technology
Dual Channel DDR3 ECC/Non-ECC 1066/1333/1600 MHz (ECC function enable depends on processor supporting)
Max. Capacity
32 GB
Socket
4 x 240-pin DIMM
Memory size
1 GB, 2 GB, 4 GB, 8 GB
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Expansion Slots
PCI Express x 16 (Gen 3)
2 (One PCIe x16 link at PCIe x16_Slot6 or switching one x16 link to two x8 links when PCIex16_slot4 is occupied with jumper setting)
PCI Express x 1 (Gen 2)
2
PCI
3
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel I217-LM; GbE 2~4: Intel I210-AT
Connector
RJ-45 x 2 for G2 version
Storage
Front-accessible
Internal
Slim Optical Drive Bay
1
-
3.5" Drive Bay
4 SAS/SATA HDDs (Hot-Swap)
-
2.5" Drive Bay
-
1
Front I/O Interface
USB
2
Rear I/O Interface
External serial port
1
External USB port
4 (2 USB 3.0 and 2 USB 2.0)
VGA port
1
DVI
2
Display Port
-
RJ-45
2 for G2 version
PS/2 KB/mouse
2
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Supply
Output Rating
400W ATX
Input Voltage
AC 100 ~ 240 V (full range)
Cooling
Fan
1 (12 cm /74 CFM) + 1 (8 cm/56 CFM) for SAS/SATA storage unit
Air Filter
Yes
Miscellaneous
LED Indicators
Power, HDD, temperature, fan, LAN1, and LAN2
Remote Management
Remote monitoring: temperature, fan speed, HD status, voltage
Active control: schedule on/off, remote KVM
Complete protection: system recovery (Acronis), system protection (McAfee)
Rear Panel
Five 9-pin D-Sub and one 68-pin SCSI openings
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-40 ~ 70° C (-40 ~ 156° F)
Humidity
10 ~ 95% @ 40° C, non-condensing
10 ~ 95% @ 60° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
482 x 177 x 478 mm (19" x 7.0" x 18.8")
Weight
12.5 kg (27.5 lb)
RoHS
COMPLIANT
2002/95/EC
Thermal
Optimized
Long Life
Cycle
7
5years
Remote
Mgmt.
Power
Optimized
ƒ Intel® C226 Platform
- LGA1150 Intel® Xeon® E3-1200 v3 and 4th Gen Core i processor
- DDR3 1600 MHz ECC/Non-ECC UDIMM up to 32GB
ƒ Expansion Capability
- 3 PCI, 2 PCIex1, 2 PCIex16(with x8 link) or 1x PCIex16 (Gen3)
- Four 3.5", One 2.5" HDD Bay and 1 Slim Optical Drive
ƒ Thoughtful and Management Design
- Intelligent remote manageability
- Smart fan control
- Lockable front door prevents unauthorized access
- 400W 80 plus power supply
All product specifications are subject to change without notice
Last updated : 16-Oct-2014


Similar Part No. - SYS-4U4340-4S01_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4340-4A01 ADVANTECH-SYS-4U4340-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots, Front USB3.0
SYS-4U4340-4F01 ADVANTECH-SYS-4U4340-4F01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 11 Expansion Slots, Front USB3.0
More results

Similar Description - SYS-4U4340-4S01_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-584 ADVANTECH-ASMB-584 Datasheet
680Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-784G2-00A1E ADVANTECH-ASMB-784G2-00A1E Datasheet
968Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
ASMB-784 ADVANTECH-ASMB-784_V01 Datasheet
721Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??ATX Server Board with 2 PCIe x16 slots (x8 link), 3 PCI, USB 3.0, Quad/Dual LANs
13-Sep-2017
ASMB-584 ADVANTECH-ASMB-584_V01 Datasheet
710Kb / 2P
   LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
SYS-4U4000-4S03 ADVANTECH-SYS-4U4000-4S03_15 Datasheet
736Kb / 2P
   4U LGA 2011 Xeon짰 E5 Server with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), IPMI
ASMB-782G2-00A1E ADVANTECH-ASMB-782G2-00A1E Datasheet
1Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link),2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-782 ADVANTECH-ASMB-782 Datasheet
2Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link), 2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
958Kb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
ASMB-781 ADVANTECH-ASMB-781 Datasheet
2Mb / 2P
   LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com