Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3158CPI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3158CPI
Description  High CMRR RS-485 Transceiver with 짹60V Isolation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3158CPI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3158CPI Datasheet HTML 1Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 2Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 3Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 4Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 5Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 6Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 7Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 8Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High CMRR RS-485 Transceiver
with ±60V Isolation
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, YR = ZR = AR = BR = ISOCOM, C1 = C2 = 0.047µF, C3 = C4 = 1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IIN1
DE, DI, RE
±2
Input Current
IIN2
H/F, TXP, RXP internal pulldown
10
40
µA
DE = GND, VCC = GND or 5.25V, -7V
≤ (VIN -
VISOCOM)
≤ +12V, AR = BR = ISOCOM
-5.0
+8.0
Input Current (A and B)
IIN3
DE = GND, VCC = GND or 5.25V, -7V
≤ (VIN -
VISOCOM)
≤ +12V, AR open, BR open
-0.58
+1.0
mA
DE = GND, VCC = GND or 5.25V, -7V
≤ (VIN -
VISOCOM)
≤ +12V, YR = ZR = ISOCOM
-5.0
+8.0
Output Leakage (Y and Z)
Full Duplex
IO
DE = GND, VCC = GND or 5.25V, -7V
≤ (VIN -
VISOCOM)
≤ +12V, YR open, ZR open
-0.58
+1.0
mA
IOSD1
VISOCOM - 7V
≤ VOUT ≤ VISOVCC
-250
Driver Short-Circuit Output
Current (Note 3)
IOSD2
VISOCOM - 7V
≤ VOUT ≤ VISOCOM + 12V
250
mA
RECEIVER
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM - VISOCOM ≤ +12V
-200
-125
-50
mV
Receiver Input Hysteresis
∆VTH
25
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = -50mV
V CC - 1.5
V
Receiver Output Low Voltage
VOL
IO = 4mA, VID = -200mV
0.4
V
Three-State Output Current at
Receiver
IOZR
0.4V
≤ VO ≤ 2.4V
±1µA
-7V
≤ VCM - VISOCOM ≤ +12V, AR = BR =
ISOCOM
1.5
Receiver Input Resistance
RIN
-7V
≤ VCM - VISOCOM ≤ +12V, AR open,
BR open
12
k
Receiver Output Short-Circuit
Current
IOSR
0V
≤ VRO ≤ VCC
±7
±100
mA
SUPPLY CURRENT
Supply Current
ICC
No load, RE = DE = DI = GND or VCC
25
85
mA
DE = GND, RE = VCC, VISOCOM = GND
25
60
Supply Current in Shutdown
Mode
ISHDN
DE = GND, RE = VCC, VISOCOM =
±60V
±650
µA
Maximum Ground Differential
∆VGND
DE = GND, RE = VCC,
| ISOCOM leakage |
≤ 650µA
±60
V


Similar Part No. - MAX3158CPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3157 MAXIM-MAX3157 Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
MAX3157CAI MAXIM-MAX3157CAI Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
MAX3157CPI MAXIM-MAX3157CPI Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
MAX3157EAI MAXIM-MAX3157EAI Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
MAX3157EPI MAXIM-MAX3157EPI Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
More results

Similar Description - MAX3158CPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3157 MAXIM-MAX3157 Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
83Kb / 9P
   High-Fanout RS-485 Transceiver
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com