Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3157EAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3157EAI
Description  High CMRR RS-485 Transceiver with 짹50V Isolation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3157EAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3157EAI Datasheet HTML 3Page - Maxim Integrated Products MAX3157EAI Datasheet HTML 4Page - Maxim Integrated Products MAX3157EAI Datasheet HTML 5Page - Maxim Integrated Products MAX3157EAI Datasheet HTML 6Page - Maxim Integrated Products MAX3157EAI Datasheet HTML 7Page - Maxim Integrated Products MAX3157EAI Datasheet HTML 8Page - Maxim Integrated Products MAX3157EAI Datasheet HTML 9Page - Maxim Integrated Products MAX3157EAI Datasheet HTML 10Page - Maxim Integrated Products MAX3157EAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
High CMRR RS-485 Transceiver
with ±50V Isolation
_______________________________________________________________________________________
7
DE
5V/div
VY
10V/div
100
µs/div
0
+50V
POWER-UP DELAY
(VISOCOM = +50V)
MAX3157toc19
0
20
10
40
30
50
60
0.1
1
10
MAXIMUM COMMON-MODE PEAK VOLTAGE TO
GROUND vs. COMMON-MODE FREQUENCY
COMMON-MODE FREQUENCY (kHz)
MAXIMUM COMMON PEAK
VOLTAGE TO ISOCOM
COMMON-MODE VOLTAGE TO
ISOCOM = 7V PEAK
Typical Operating Characteristics (continued)
(VCC = +5V, YR = ZR = AR = BR = ISOCOM, C1 = C2 = 0.047µF, C3 = 1µF, C4 = 10nF, TA = +25°C, unless otherwise noted.)
Test Circuits and Timing Diagrams
R
R
Y
Z
VOD
VOC
Figure 1. Driver DC Test Load
DI
DE
3V
Y
Z
CL1
CL2
RDIFF
VID
Figure 3. Driver Timing Test Circuit
RECEIVER
OUTPUT
TEST POINT
1k
1k
S1
S2
VCC
CL
100pF
OUTPUT
UNDER TEST
500
S1
S2
VCC
CL
Figure 2. Receiver Enable/Disable Timing Test Load
Figure 4. Driver Enable/Disable Timing Test Load


Similar Part No. - MAX3157EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3158 MAXIM-MAX3158 Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158CAI MAXIM-MAX3158CAI Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158CPI MAXIM-MAX3158CPI Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158EAI MAXIM-MAX3158EAI Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3158EPI MAXIM-MAX3158EPI Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
More results

Similar Description - MAX3157EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3158 MAXIM-MAX3158 Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
83Kb / 9P
   High-Fanout RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
logo
Shanghai Leiditech Elec...
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com