Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS-4U4000-4F02 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SYS-4U4000-4F02
Description  3rd Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 12 Expansion Slots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-4U4000-4F02 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SYS-4U4000-4F02_14 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-4U4000-4F02_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pre-configured Systems
Features
SYS-4U4000-4F02
3rd Gen Intel® Core™ i7/i5/i3
4U PICMG1.3 System with
12 Expansion Slots
Specifications
Processor System
CPU
Core i7-3770
Core i5-3550S
Core i3-3220
Pentium G2120
Pentium G850
Celeron G540
Base Frequency
3.4 GHz
3.0 GHz
3.3 GHz
3.1 GHz
2.9 GHz
2.5 GHz
L3 Cache
8 MB
6 MB
3 MB
3 MB
3 MB
2 MB
SKU/Chipset
Intel Q77
BIOS
AMI 64Mbit SPI Flash
Memory
Technology
Dual channel (Non-ECC) DDR3 1333/1600
Max. Cap.
16 GB (8 GB per DIMM)
Socket
DDR3 240-pin DIMM x 2
Graphics
Controller
Chipset integrated Intel HD Graphics
Video Output
15 Pin VGA D-sub Connector x1/DVI-D connector x1 (Pin Header)
Expansion Slot
PCI Express x 16
1
PCI Express x 1
3
PCI
8
Ethernet
Interface
10/100/1000 Mbps
Controller
LAN 1: Intel 82579LM
LAN 2: Intel 82583V
Storage
5.25'' HDD Bay
3 Front-accesible
3.5" HDD Bay
1 Front-accesible
Front I/O Interface
USB
2
PS/2
1
Rear I/O Interface
USB
Nine USB2.0 (Pin-header*4+USB Type A*1+ 4 on backplane);
Three USB3.0 (Pin-Header*2+Rear*1)
Serial
2 x RS-232 Pin-Header
Parallel
1 (SPP/EPP/ECP)
PS/2
1 (Y cable for mouse and keyboard is included in the package)
Watchdog Timer
Output
System reset
Interval
Programmable 1-255 sec
Power Supply
Output Rating
300W
Input Voltage
100 ~ 240 VAC
Cooling
Fan
2 (12 cm / 85 CFM each)
Air Filter
Yes
Miscellaneous
LED Indicators
Power, HDD, temperature, fan, and power voltage status
Remote Management
Remote monitoring: temperature, fan speed, HD status, voltage
Active control: schedule on/off, remote KVM
Complete protection: system recovery (Acronis), system protection (McAfee)
Rear Panel
One 9-pin D-Sub opening
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
482 x 177 x 479 mm (19" x 7" x 18.9")
Weight
15.2 kg (33.5 lb)
RoHS
COMPLIANT
2002/95/EC
Thermal
Optimized
Long Life
Cycle
7
5years
Remote
Mgmt.
Power
Optimized
ƒ Intel® Q77 Platform
- Intel® Core™ i7/i5/i3 CPU (LGA1155)
- Dual Channel (Non-ECC) DDR3 1333/1600 up to 16 GB
- Supports USB3.0, SATA3.0, SW Raid 0, 1, 5, 10
ƒ Expansion Capability
- 8 PCI, 3 PCIex1, 1 PCIex16
- Three 5.25" ODD and One 3.5" Shock-resistant Drive Bay
ƒ Thoughtful and Management Design
- Intelligent remote manageability
- Smart fan control
- Lockable front door prevents unauthorized access
- 300W 80 plus power supply
All product specifications are subject to change without notice
Last updated : 16-Oct-2014


Similar Part No. - SYS-4U4000-4F02_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4000-4F03 ADVANTECH-SYS-4U4000-4F03_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.0 System with 13 Expansion Slots
SYS-4U4000-4F04 ADVANTECH-SYS-4U4000-4F04_14 Datasheet
1Mb / 2P
   4U Intel짰 Core??2 Quad PICMG1.0 System with 11 Expansion Slots
More results

Similar Description - SYS-4U4000-4F02_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U510-4A03 ADVANTECH-SYS-4U510-4A03 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
SYS-4U4340-4F01 ADVANTECH-SYS-4U4340-4F01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 11 Expansion Slots, Front USB3.0
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
SYS-4U4000-4A04 ADVANTECH-SYS-4U4000-4A04_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
SYS-4U4000-4F03 ADVANTECH-SYS-4U4000-4F03_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.0 System with 13 Expansion Slots
SYS-4U4340-4A01 ADVANTECH-SYS-4U4340-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots, Front USB3.0
SYS-8W6608-4F01 ADVANTECH-SYS-8W6608-4F01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Wallmount PICMG1.0 System with 7 Expansion Slots
SYS-7W7130-4A01 ADVANTECH-SYS-7W7130-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Wallmount/Desktop ATX System with 7 Expansion Slots
ARK-3500 ADVANTECH-ARK-3500_V01 Datasheet
1Mb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
16-Nov-2016
ARK-3500P-00A1E ADVANTECH-ARK-3500P-00A1E Datasheet
1,004Kb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com