Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMB-813I-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-813I-00A1E
Description  4U GPU Server System With Xeon E5-2600 v3 CPU, support up to 2* Tesla K40 GPU cards and 1400W RPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-813I-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-813I-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-813I-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server-grade IPCs
Features
HPC-7400-S813
4U GPU Server
4U GPU Server System With
Xeon E5-2600 v3 CPU, support up to
2* Tesla K40 GPU cards and 1400W RPS
ƒ 7 years longevity support- Revision control
ƒ 0 ~ 40° C operating temperature
ƒ Reliable resume from AC power loss function
ƒ Intel® Grantley EP (C612) platform
– Supports Intel® Xeon E5-2600/E5-1600 v3 Series CPUs
– Quad channel DDR4 2133 MHz ECC & Registered DIMMs up to 256 GB
ƒ Supports up to 2* NVIDIA Tesla K40 GPU cards
ƒ 1400W 1+1 Redundant PSU with 80 PLUS Platinum level
ƒ IPMI remote management
Specifications
Processor System
CPU type
Intel Xeon E5-2600 / E5-1600 v3 processor
CPU socket
Intel LGA-2011-R3
Memory
DDR4 ECC-REG 2133/1866/1600 MHz RDIMMs, maximum 256 GB
Chipset
Intel C612 Chipset
Graphics
Controller
Aspeed AST2400
VRAM
64 MB
Expansion Slot
PCIe x16 (Gen 3.0)
2 (Slot 4 and Slot 6 for Tesla K40)
PCIe x8 (Gen 3.0)
1 (Slot 2)
PCIe x4 (Gen 2.0)
1 (Slot 7) from PCH
PCIe x1 (Gen 2.0)
1 (Slot 1) from PCH
Drive Bay
Slime Odd Bay
-
5.25" Front-Accessibl
2
3.5" Hot-swappable
-
2.5" Hot-swappable
-
3.5" Internal
2 (rear-accessible)
2.5" Internal
-
Ethernet
Interface
10/100/1000 Mbps Gigabit Ethernet
Controller
2 x Intel I210AT
Remote Management
IPMI, Advantech Remote Monitoring Utility
Front I/O Interface
USB
2 x USB3.0
Rear I/O Interface
USB
6 (4 x USB3.0 + 2 x USB2.0)
PS/2
2
COM
1
Disaplay
1 x VGA
Parallel
-
RJ-45
3 (1 port dedicated for IPMI function)
Watchdog Timer
Output
Interrup, system reset
Interval
Programmable, 1~255 sec/min
Power Supply
Power Output Wattage
1+1 Redundant 1400 W
Input Range
AC 100 ~ 240 V
Cooling
Chassis Fan
3 (8cm / 142CFM) PWM fans + optional 2 (6cm) rear fans
Air Filter
Yes
Miscellaneous
LED Indicators
Power status, HDD activity, LAN activity
Remote Management
IPMI, Advantech Remote Monitoring Utility
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C
10 ~ 95% @ 40° C
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock (with 11 ms du ration,
half sine wave)
10G
Physical Characteristics
Dimension (W x H x D)
482 x 177 x 448 mm (19" x 7.0" x 17.6")
Weight
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 4-Sep-2015


Similar Part No. - ASMB-813I-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-813I-00A1E ADVANTECH-ASMB-813I-00A1E Datasheet
852Kb / 2P
   LGA 2011-R3 Intel Xeon짰 E5-2600 v3 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot (Gen 3.0), 6 USB 3.0, IPMI
ASMB-813I-00A1E ADVANTECH-ASMB-813I-00A1E Datasheet
808Kb / 2P
   LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot, 6 USB 3.0, IPMI
More results

Similar Description - ASMB-813I-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
logo
AAEON Technology
ZEUS-PUR0 AAEON-ZEUS-PUR0 Datasheet
494Kb / 2P
   4U Rackmount Purley Platform Server System, Support Xeon® FPGA CPU
2022/10/04
logo
Advantech Co., Ltd.
AGS-913I-R11A1E ADVANTECH-AGS-913I-R11A1E Datasheet
958Kb / 2P
   1U Rackmount Xeon E5-2600 v3 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
logo
List of Unclassifed Man...
FW-8896 ETC2-FW-8896 Datasheet
365Kb / 2P
   High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
logo
Advantech Co., Ltd.
AGS-923I-R14A1E ADVANTECH-AGS-923I-R14A1E Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon E5-2600 v3 GPU server, Supporting 4 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
logo
List of Unclassifed Man...
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
logo
Advantech Co., Ltd.
SKY-640V2 ADVANTECH-SKY-640V2 Datasheet
843Kb / 2P
   4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4x PCIe x16 Double-Deck Cards Plus 3x PCIe x8 Single-Deck Cards
8-Feb-2023
AGS-920I-R14A1E ADVANTECH-AGS-920I-R14A1E Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com