Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3130CAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3130CAI
Description  3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3130CAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3130CAI Datasheet HTML 7Page - Maxim Integrated Products MAX3130CAI Datasheet HTML 8Page - Maxim Integrated Products MAX3130CAI Datasheet HTML 9Page - Maxim Integrated Products MAX3130CAI Datasheet HTML 10Page - Maxim Integrated Products MAX3130CAI Datasheet HTML 11Page - Maxim Integrated Products MAX3130CAI Datasheet HTML 12Page - Maxim Integrated Products MAX3130CAI Datasheet HTML 13Page - Maxim Integrated Products MAX3130CAI Datasheet HTML 14Page - Maxim Integrated Products MAX3130CAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
3V to 5.5V, IrDA Infrared Transceiver with
Integrated RS-232 Interface
______________________________________________________________________________________
11
IR Transmitter
The infrared transmitter consists of an internal high-
power, open-drain MOSFET switch. This switch has an
on-resistance of less than 2
Ω and is capable of switch-
ing 200mA of current. Internal buffering keeps the input
capacitance of the TXD pin extremely low to ease user
drive requirements. Connect an IR LED in series with a
current-setting resistor to select the appropriate IR out-
put power (see the
Powering the IR LED section). The
transmitter is not current limited so do not exceed the
power dissipation of the external components during
high duty-cycle transmit schemes.
The TXD input controls the IR LED for the MAX3131.
The T2IN input controls the IR LED for the MAX3130
(IRMODE = low). With the ENDEC disabled (see
IrDA
Encoder/Decoder (ENDEC) section), the IR LED is
turned on by a logic-high signal at the TXD or T2IN
input, for the MAX3131 and MAX3130 respectively.
IRMODE: Multiplexed RS-232 Operation
and IrDA Operation (MAX3130)
The MAX3130 has the capability to multiplex R2OUT and
T2IN between the IrDA infrared interface and the RS-232
electrical interface. The state of the IRMODE input deter-
mines which interface (infrared or RS-232) is multiplexed
to R2OUT and T2IN. When IRMODE is low, R2OUT acts
as the infrared receiver output and T2IN acts as the
infrared transmitter input. Also, while IRMODE is low, the
RS-232 charge pumps are shut down and the RS-232
transmitters are disabled (see
Shutdown section). When
IRMODE is high, R2OUT and T2IN assume their func-
tions as the RS-232 data receive output and transmit
input, respectively. Also, while IRMODE is high, the IR
transmitter is disabled (turned off).
EDGEDET: Edge-Detection Circuitry
(MAX3130)
The MAX3130 has internal edge-detection circuitry that
monitors the RS-232 R2OUT line when IRMODE is low
and monitors the IrDA receive channel when IRMODE
is high. EDGEDET goes low when a positive or negative
edge is detected on either the RS-232 R2OUT line or
the IrDA receive channel (depending on the IRMODE
pin). This edge-detection feature is useful for initiating
an interrupt when data is received on the deselected
line. The EDGEDET signal is cleared when IRMODE is
toggled. Table 1 shows EDGEDET operation.
IrDA Encoder/Decoder (ENDEC)
The MAX3130 and MAX3131 provide an on-board
ENDEC to communicate with UARTs that are not IrDA
compatible. The ENDEC is enabled by applying a clock
with a frequency 16 times the baud rate to the BAUD16
input. This BAUD16 clock is commonly provided on
UARTs that do not have IrDA ENDEC capability. Figure
3 illustrates the operation of the ENDEC. The ENDEC
stretches the incoming infrared pulse (a pulse between
IRSD
RSSD IRMODE
R2IN
IrDA RxIN
EDGEDET*
X
X
0
X
X
X
0
X
X
X
1
X
X
X
1
X
Table 1. EDGEDET Operation
1.41
µs < t < 3CS
16CS
32CS
16CS
R2OUT (RXD)
WITH ENDEC ENABLED
R2OUT (RXD)
WITH ENDEC DISABLED
CS = BAUD16 CLOCK CYCLES
* HIGH = INFRARED LIGHT PULSE
( ) ARE FOR MAX3131
INFRARED
PHOTODIODE INPUT *
Figure 3a. ENDEC Operation, Receiving Infrared
X
= Don’t care
* EDGEDET
is cleared by any transition on IRMODE.


Similar Part No. - MAX3130CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX313 MAXIM-MAX313 Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
MAX313 MAXIM-MAX313 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX313 MAXIM-MAX313 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX31328 MAXIM-MAX31328 Datasheet
736Kb / 26P
   ±3.5ppm, I2C RTC with Integrated Crystal and Power Management
Rev 0; 2/21
MAX31328 MAXIM-MAX31328 Datasheet
857Kb / 11P
   Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
More results

Similar Description - MAX3130CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com