Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5911LZALZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5911LZALZ
Description  Small Form Factor Optical Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5911LZALZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-5911LZALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZALZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZALZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911LZALZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 3 - External Configuration
ALL DIMENSIONS IN MILLIMETERS (INCHES)
AVAGO
HFBR-5911LZ
850 nm LASER PROD
21CFR(J) CLASS 1
COUNTRY OF ORIGIN
YYWW
13.59
(.535)
MAX.
48.19
(1.897)
15.05
(.593)
UNCOMPRESSED
XXXXXXXX
9.80
(0.386)
MAX.
2.92
(.115)
MIN.
28.45
(1.120)
4.57
(.180)
7.11
(.280)
1.00
(.039)
4 x
14.68
(.578)
13.14
(.517)
11.30
(.445)
UNCOMPRESSED
8.89
(.350)
6.25
(.246)
TX
RX
10.16
(.400)
13.34
(.525)
Tcase REFERENCE POINT
DETAIL 1
SCALE 3 x
10.16
(.400)
6 7 8 9 10
5 4 3 2 1
17.79
(.700)
1.78
(.070)
4 x
0.46
(.018)
10 x
13.76
(.542)
19.59
(.771)
5.72
(.225)
AREA FOR
PROCESS PLUG
11.84
(.466)
1.07
(.042)
2 x Ø
10.16
(.400)
SEE DETAIL 1


Similar Part No. - HFBR-5911LZALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
More results

Similar Description - HFBR-5911LZALZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
JDS Uniphase Corporatio...
JSF-21S0AA1 JDSU-JSF-21S0AA1 Datasheet
1Mb / 23P
   Fibre Channel Small Form Factor PTH Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Texas Instruments
TLK2201AJR TI-TLK2201AJR Datasheet
385Kb / 20P
[Old version datasheet]   1.0Gb to 1.6Gb SMALL FORM-FACTOR ETHERNET TRANSCEIVER
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com