Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-53A5VEMZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-53A5VEMZ
Description  3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-53A5VEMZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-53A5VEMZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A5VEMZ_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Figure 6. Suggested module positioning and panel cut-out for HFBR-53A5VEMZ
0.43
27.4 ± 0.50
(1.08 ± 0.02)
1.014
9.4
(0.374)
5.35
(0.25)
MODULE
PROTRUSION
+ 0.02
– 0.01
10.9 + 0.5
– 0.25
(
)
0.8
(0.032)
0.8
(0.032)
PCB BOTTOM VIEW


Similar Part No. - HFBR-53A5VEMZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ_15 Datasheet
338Kb / 13P
   3.3 V 1X9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
More results

Similar Description - HFBR-53A5VEMZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ Datasheet
338Kb / 13P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
logo
Agilent(Hewlett-Packard...
HFBR-53A5VEM HP-HFBR-53A5VEM Datasheet
308Kb / 14P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFBR-53D5 HP-HFBR-53D5 Datasheet
280Kb / 16P
   1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ_15 Datasheet
338Kb / 13P
   3.3 V 1X9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFCT-53D5EMZ AVAGO-HFCT-53D5EMZ Datasheet
140Kb / 14P
   1300 nm FP Laser 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
HFBR-53A3VEMZ AVAGO-HFBR-53A3VEMZ Datasheet
269Kb / 13P
   RoHS Compliant 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel
logo
Agilent(Hewlett-Packard...
HFBR-53A3VEM HP-HFBR-53A3VEM Datasheet
309Kb / 14P
   3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HFBR-5912E HP-HFBR-5912E Datasheet
334Kb / 16P
   Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com