Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-53A3VEMZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-53A3VEMZ
Description  RoHS Compliant 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-53A3VEMZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-53A3VEMZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A3VEMZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A3VEMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A3VEMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A3VEMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A3VEMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A3VEMZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A3VEMZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-53A3VEMZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Figure 1. Transmitter optical eye diagram mask.
Figure 2. Pin-out.
Table 1. Pinout Table
Pin
Symbol
Functional Description
Mounting Pins
The mounting pins are provided for transceiver mechanical attachment to the circuit board. They are
embedded in the nonconductive plastic housing and are not connected to the transceiver internal circuit,
nor is there a guaranteed connection to the metallized housing in the EM and FM versions. They should be
soldered into plated-through holes on the printed circuit board.
1
VEER
Receiver Signal Ground
Directly connect this pin to receiver signal ground plane. (For HFBR-53A5VM, VEER = VEET)
2
RD+
Receiver Data Out
AC coupled – PECL compatible.
3
RD-
Receiver Data Out Bar
AC coupled – PECL compatible.
4
SD
Signal Detect
Signal Detect is a single-ended TTL output. If Signal Detect output is not used, leave it open-circuited.
Normal optical input levels to the receiver result in a logic “1” output, VOH, asserted.
Low input optical levels to the receiver result in a fault condition indicated by a logic “0” output VOL, deasserted.
5
VCCR
Receiver Power Supply
Provide +3.3 Vdc via the recommended receiver power supply filter circuit.
Locate the power supply filter circuit as close as possible to the VCCR pin.
6
VCCT
Transmitter Power Supply
Provide +3.3 Vdc via the recommended transmitter power supply filter circuit.
Locate the power supply filter circuit as close as possible to the VCCT pin.
7
TD-
Transmitter Data In-Bar
AC coupled – PECL compatible. Internally terminated differentially with 100 Ω.
8
TD+
Transmitter Data In
AC coupled – PECL compatible. Internally terminated differentially with 100 Ω.
9
VEET
Transmitter Signal Ground
Directly connect this pin to the transmitter signal ground plane.
0.8
0.5
0.2
0
0.15
0.375
0.85
NORMALIZED TIME
-0.2
1.0
1.0
0
1.3
0.625
1 = VEER
2 = RD+
3 = RD-
4 = SD
5 = VCCR
6 = VCCT
7 = TD-
8 = TD+
9 = VEET
TOP VIEW
NIC
NIC
NIC = NO INTERNAL CONNECTION (MOUNTING PINS)
RX
TX


Similar Part No. - HFBR-53A3VEMZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-53A3VEM HP-HFBR-53A3VEM Datasheet
309Kb / 14P
   3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
More results

Similar Description - HFBR-53A3VEMZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-53A3VEM HP-HFBR-53A3VEM Datasheet
309Kb / 14P
   3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-53D3EZ AVAGO-AFBR-53D3EZ Datasheet
228Kb / 16P
   RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
logo
Broadcom Corporation.
AFBR-53D3Z BOARDCOM-AFBR-53D3Z Datasheet
228Kb / 16P
   RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ_15 Datasheet
338Kb / 13P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFBR-53A5VEMZ AVAGO-HFBR-53A5VEMZ Datasheet
338Kb / 13P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
logo
Agilent(Hewlett-Packard...
HFBR-53A5VEM HP-HFBR-53A5VEM Datasheet
308Kb / 14P
   3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
HFBR-53D5 HP-HFBR-53D5 Datasheet
280Kb / 16P
   1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com