Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5962NLZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5962NLZ
Description  Single Mode Laser Small Form Factor Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5962NLZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5962NLZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962NLZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962NLZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962NLZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962NLZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962NLZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962NLZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962NLZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962NLZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
• RoHS Compliant
• AFCT-5962TLZ/ATLZ:
Links of 15 km with 9/125 µm single mode fiber (S1.1)
• AFCT-5962NLZ:
Links of 40 km with 9/125 µm single mode fiber (L1.1)
• Multisourced 2 x 10 package style with LC receptacle
• Single +3.3 V power supply
• Temperature range:
AFCT-5962TLZ: 0° C to +70° C
AFCT-5962ATLZ: -40° C to +85° C
AFCT-5962NLZ: -5° C to +70° C
• Wave solder and aqueous wash process compatible
• Manufactured in an ISO9002 certified facility
• Fully Class 1 CDRH/IEC 825 compliant
• LVPECL compatible signal detect output
• Transceivers are available with and without EMI nose
shield (see ordering information details)
Applications
• SONET/SDH equipment interconnect, OC-3/SDH STM-1
rate
• Long and intermediate reach ATM/SONET links
• Suitable for Fast Ethernet Applications
AFCT-5962TLZ/TGZ/ATLZ/ATGZ/NLZ/NGZ
Single Mode Laser Small Form Factor Transceivers for
ATM, SONET OC-3 /SDH STM-1
Part of the Avago Technologies METRAK family
Data Sheet
Description
TheAFCT-5962TLZ/TGZ/ATLZ/ATGZ/NLZ/NGZarehighper-
formance, cost effective modules for serial optical data
communications applications specified for a signal rate
of 155 Mb/s. They are designed to provide SONET/SDH
compliant intermediate and long reach links at 155 Mb/s.
All modules are designed for single mode fiber and
operate at a nominal wavelength of 1300 nm. They in-
corporate high performance, reliable, long wavelength
optical devices and proven circuit technology to give long
life and consistent service.
The transmitter section of the AFCT-5962TLZ/TGZ/ATLZ/
ATGZ/NLZ/NGZ incorporates a 1300 nm Fabry Perot (FP)
laser.
The transmitter has full IEC 825 and CDRH Class 1 eye
safety.
The receiver section uses an MOVPE grown planar PIN pho-
todetector for low dark current and excellent responsivity.
A pseudo-ECL compatible logic interface simplifies inter-
face to external circuitry.
These transceivers are supplied in the new industry
standard 2 x 10 DIP style package with the LC fiber con-
nector interface and is footprint compatible with SFF Multi
Source Agreement (MSA).


Similar Part No. - AFCT-5962NLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5961ATLZ AVAGO-AFCT-5961ATLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961NLZ AVAGO-AFCT-5961NLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
More results

Similar Description - AFCT-5962NLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5971LZ AVAGO-AFCT-5971LZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Agilent(Hewlett-Packard...
HFCT-5760TL HP-HFCT-5760TL Datasheet
312Kb / 16P
   Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com