Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5963ATLZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5963ATLZ
Description  Single Mode Laser Small Form Factor Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5963ATLZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5963ATLZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Process plug
This transceiver is supplied with a process plug for pro-
tection of the optical port within the LC connector recep-
tacle. This process plug prevents contamination during
wave solder and aqueous rinse as well as during handling,
shipping and storage. It is made of a high-temperature,
molded sealing material that can withstand +85° C, and a
rinse pressure of 110 lbs per square inch.
The process plug should only be used once. After
removing it from the transceiver, it must not be used
again as a process plug; however, if it has not been con-
taminated it can be reused as a dust cover.
Recommended Solder fluxes
Solder fluxes used with the AFCT-5963TLZ/TGZ/ATLZ/
ATGZ/NLZ/NGZ should be water-soluble, organic fluxes.
Recommended solder fluxes include Lonco 3355-11 from
London Chemical West, Inc. of Burbank, CA, and 100 Flux
from Alpha-Metals of Jersey City, NJ.
Figure 8. Recommended Panel Mounting
Recommended Cleaning/Degreasing Chemicals
Alcohols: methyl, isopropyl, isobutyl.
Aliphatics: hexane, heptane
Other: naphtha.
Do not use partially halogenated hydrocarbons such as
1,1.1 trichloroethane, ketones such as MEK, acetone,
chloroform, ethyl acetate, methylene dichloride, phenol,
methylene chloride, or N-methylpyrolldone. Also, Avago
Technologies does not recommend the use of cleaners
that use halogenated hydrocarbons because of their
potential environmental harm.
LC SFF Cleaning Recommendations
In the event of contamination of the optical ports, the
recommended cleaning process is the use of forced
nitrogen. If contamination is thought to have remained,
the optical ports can be cleaned using a NTT international
Cletop stick type (diam. 1.25 mm) and HFE7100 cleaning
fluid.
15.24
(0.6)
DIMENSIONS IN MILLIMETERS (INCHES)
1. FIGURE DESCRIBES THE RECOMMENDED FRONT PANEL OPENING FOR A LC OR SG SFF TRANSCEIVER.
2. SFF TRANSCEIVER PLACED AT 15.24 mm (0.6) MIN. SPACING.
14.22 ±0.1
(0.56 ±0.004)
10.16 ±0.1
(0.4 ±0.004)
DETAIL A
TOP OF PCB
1
(0.039)
A
SOLDER POSTS
15.75 MAX. 15.0 MIN.
(0.62 MAX. 0.59 MIN.)
SECTION B - B
15.24
(0.6)
B
B


Similar Part No. - AFCT-5963ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5961ATLZ AVAGO-AFCT-5961ATLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961NLZ AVAGO-AFCT-5961NLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962ATLZ AVAGO-AFCT-5962ATLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962NLZ AVAGO-AFCT-5962NLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
More results

Similar Description - AFCT-5963ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962TLZ AVAGO-AFCT-5962TLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5971LZ AVAGO-AFCT-5971LZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Agilent(Hewlett-Packard...
HFCT-5760TL HP-HFCT-5760TL Datasheet
312Kb / 16P
   Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com