Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5963ATLZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5963ATLZ
Description  Single Mode Laser Small Form Factor Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5963ATLZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5963ATLZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5963ATLZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Figure 6b. Recommended AC coupled interface circuit
The AFCT-5963TLZ/TGZ/ATLZ/ATGZ/NLZ/NGZ have a
transmit disable function which is a single-ended +3.3 V
TTL input which is DC-coupled to pin 8.
As for the receiver section, it is internally AC-coupled
between the preamplifier and the postamplifier stages.
The actual Data and Data-bar outputs of the post-
amplifier are DC-coupled to their respective output pins
(pins 4, 5). The two data outputs of the receiver should be
terminated with identical load circuits.
Signal Detect is a single-ended, +3.3 V TTL output signal
that is DC-coupled to pin 3 of the module. Signal Detect
should not be AC-coupled externally to the follow-on
circuits because of its infrequent state changes.
Power Supply Filtering and Ground Planes
It is important to exercise care in circuit board layout to
achieve optimum performance from these transceivers.
Figures 6a and 6b show the power supply circuit
which complies with the small form factor multisource
agreement. It is further recommended that a continuous
ground plane be provided in the circuit board directly
under the transceiver to provide a low inductance ground
for signal return current. This recommendation is in
keeping with good high frequency board layout practices.
Package footprint and front panel considerations
The Avago Technologies transceivers comply with the
circuit board “Common Transceiver Footprint” hole
pattern defined in the current multisource agreement
which defined the 2 x 5 package style. This drawing is
reproduced in Figure 7 with the addition of ANSI Y14.5M
compliant dimensioning to be used as a guide in the me-
chanical layout of your circuit board. Figure 8 shows the
front panel dimensions associated with such a layout.
Eye Safety Circuit
For an optical transmitter device to be eye-safe in the
event of a single fault failure, the transmitter must either
maintain eye-safe operation or be disabled.
The AFCT-5963TLZ/TGZ/ATLZ/ATGZ/NLZ/NGZ is intrinsi-
cally eye safe and does not require shut down circuitry.
Z = 50
Z = 50
Z = 50
Z = 50
SD
LVTTL
V
CC (+3.3 V)
V
CC (+3.3 V)
RD+
RD-
Z = 50
1
1 µH
C2
1 µH
C1
C3
10 µF
T
X
R
X
130
130
130
130
100 nF
100 nF
100 nF
100 nF
82
130
V
CC (+3.3 V)
130
82
T
DIS (LVTTL)
2
3
4 5
10
9
8
7
6
TD-
TD+
Note: C1 = C2 = C3 = 10 nF or 100 nF
Note A: CIRCUIT ASSUMES OPEN EMITTER OUTPUT
Note B: WHEN INTERNAL BIAS IS PROVIDED REPLACE SPLIT RESISTORS WITH 100 WTERMINATION
* C4 AND C5 ARE OPTIONAL BYPASS CAPACITORS FOR ADDITIONAL LOW FREQUENCY NOISE FILTERING.
NOTE A
NOTE B
V
CC (+3.3 V)
100 nF
100 nF
82
130
V
CC (+3.3 V)
82
130
C4 *
10 µF
C5 *
10 µF


Similar Part No. - AFCT-5963ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5961ATLZ AVAGO-AFCT-5961ATLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961NLZ AVAGO-AFCT-5961NLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962ATLZ AVAGO-AFCT-5962ATLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962NLZ AVAGO-AFCT-5962NLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
More results

Similar Description - AFCT-5963ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962TLZ AVAGO-AFCT-5962TLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5971LZ AVAGO-AFCT-5971LZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Agilent(Hewlett-Packard...
HFCT-5760TL HP-HFCT-5760TL Datasheet
312Kb / 16P
   Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com