Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3097EEEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3097EEEE
Description  짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3097EEEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3097EEEE Datasheet HTML 6Page - Maxim Integrated Products MAX3097EEEE Datasheet HTML 7Page - Maxim Integrated Products MAX3097EEEE Datasheet HTML 8Page - Maxim Integrated Products MAX3097EEEE Datasheet HTML 9Page - Maxim Integrated Products MAX3097EEEE Datasheet HTML 10Page - Maxim Integrated Products MAX3097EEEE Datasheet HTML 11Page - Maxim Integrated Products MAX3097EEEE Datasheet HTML 12Page - Maxim Integrated Products MAX3097EEEE Datasheet HTML 13Page - Maxim Integrated Products MAX3097EEEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
___________Applications Information
Using the MAX3097E/MAX3098E as Shaft
Encoder Receivers
The MAX3097E/MAX3098E are triple RS-485 receivers
designed for shaft encoder receiver applications. A
shaft encoder is an electromechanical transducer that
converts mechanical rotary motion into three RS-485
differential signals. Two signals, A (A and A) and B (B
and B) provide incremental pulses as the shaft turns,
while the index signal, Z (Z and Z) occurs only once
per revolution to allow synchronization of the shaft to a
known position. Digital signal processing (DSP) tech-
niques are used to count the pulses and provide feed-
back of both shaft position and shaft velocity for a
stable positioning system.
Shaft encoders typically transmit RS-485 signals over
twisted-pair cables since the signal often has to travel
across a noisy electrical environment (Figure 7).
Detecting Faults
Signal integrity from the shaft encoder to the DSP is
essential for reliable system operation. Degraded sig-
nals could cause problems ranging from simple mis-
counts to loss of position. In an industrial environment,
many problems can occur within the three twisted
pairs. The MAX3097E/MAX3098E can detect various
types of common faults, including a low-input-level sig-
nal, open-circuit wires, short-circuit wires, and an input
signal outside the common-mode input voltage range
of the receiver.
Detecting Short Circuits
In Figure 8, if wires A and A are shorted together, then A
and A will be at the same potential, so the difference in
the voltage between the two will be approximately 0. This
causes fault A to trigger since the difference between A -
A is less than the differential fault threshold.
Detecting Open-Circuit Conditions
Detecting an open-circuit condition is similar to detect-
ing a short-circuit condition and relies on the terminat-
ing resistor being across A and A. For example, if the
wire drops out of the A terminal, A pulls A through the
terminating resistor to look like the same signal. In this
condition, VID is approximately 0 and a fault occurs.
±15kV ESD-Protected, 32Mbps, 3V/5V,
Triple RS-422/RS-485 Receivers with Fault Detection
10
______________________________________________________________________________________
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M
Ω to 100MΩ
RD
330
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
A
A
B
B
Z
Z
Figure 7. Typical Shaft Encoder Output
Figure 6a. IEC 1000-4-2 ESD Test Model
Figure 6b. IEC 1000-4-2 ESD Generator Current Waveform


Similar Part No. - MAX3097EEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097ECEE MAXIM-MAX3097ECEE Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3097ECSE MAXIM-MAX3097ECSE Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
More results

Similar Description - MAX3097EEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com