Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5760ALZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5760ALZ
Description  Families of Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5760ALZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5760ALZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
to the Electrical Pins
MIL-STD-883C Method 3015.4
JEDEC/EIA JESD22-A114-A
Class 2 (2000 Volts)
Electrostatic Discharge (ESD)
to the Duplex LC Receptacle
Bellcore GR1089-CORE
25 kV Air Discharge
10 Zaps at 8 kV (contact discharge) on the electri-
cal faceplate on panel.
Electromagnetic Interference
(EMI)
FCC Class B
Applications with high SFP port counts are ex-
pected to be compliant; however, margins are de-
pendent on customer board and chassis design.
Immunity
Variation of IEC 61000-4-3
No measurable effect from a 10 V/m field swept
from 80 to 1000 MHz applied to the transceiver
without a chassis enclosure.
Eye Safety
US FDA CDRH AEL Class 1
EN (IEC) 60825-1, 2,
EN60950 Class 1
CDRH Accession Number: 9521220-137
TUV Certificate Number: 933/21205741/040
Component Recognition
Underwriter’s Laboratories and
Canadian Standards Association Joint
Component Recognition for Informa-
tion Technology Equipment Including
Electrical Business Equipment
UL file # E173874
ROHS Compliance
Reference to EU RoHS Directive 2002/95/EC
Operating Temperature
The AFCT-576xZ family is available in either Extended
(-10 to +85°C) or Industrial (-40 to +85°C) temperature
ranges.
Power Supply Noise
The AFCT-576xZ can withstand an injection of PSN on the
VCC lines of 100 mV ac without a degradation in eye mask
margin to 10% on the transmitter and a 1 dB sensitivity
penalty on the receiver. This occurs when the product is
used in conjunction with the MSA recommended power
supply filter shown in Figure 3.
Regulatory Compliance
The transceiver regulatory compliance is provided in Table
1 as a figure of merit to assist the designer. The overall
equipment design will determine the certification level.


Similar Part No. - AFCT-5760ALZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5760ALZ BOARDCOM-AFCT-5760ALZ Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
More results

Similar Description - AFCT-5760ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com