Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5760ALZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5760ALZ
Description  Families of Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5760ALZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5760ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760ALZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Table 4b. Individual Identifiers
AFCT-5765LZ
AFCT-5765PZ
AFCT-5765TLZ
AFCT-5765TPZ
Byte #
Hex
Notes
Hex
Notes
Hex
Notes
Hex
Notes
4
10
SR-1
10
SR-1
10
IR-1
10
IR-1
5
01
OC-3 SR-1
01
OC-3 SR-1
02
OC-3 IR-1
02
OC-3 IR-1
14
02
2 Km
02
2 Km
0F
15 Km
0F
15 Km
15
14
2000m
14
2000m
96
15000m
96
15000m
48
35
5
35
5
35
5
35
5
49
4C
L
50
P
54
T
54
T
50
5A
Z
5A
Z
4C
L
50
P
51
20
-
20
-
5A
Z
5A
Z
52
20
-
20
-
20
-20
-
60
05
1310nm
05
1310nm
05
1310nm
05
1310nm
61
1E
1E
1E
1E
92
68
68
68
68
93
F0
F0
F0
F0
94
01
01
01
01
AFCT-5765ALZ
AFCT-5765APZ
AFCT-5765ATLZ
AFCT-5765ATPZ
Byte #
Hex
Notes
Hex
Notes
Hex
Notes
Hex
Notes
4
10
SR-1
10
SR-1
10
IR-1
10
IR-1
501
OC-3 SR-1
01
OC-3 SR-1
02
OC-3 IR-1
02
OC-3 IR-1
14
02
2 KM
02
2 KM
0F
15 KM
0F
15 KM
15
14
2000m
14
2000m
96
15000m
96
15000m
48
35
5
35
5
35
5
35
5
49
41
A
41
A
41
A
41
A
50
4C
L
50
P
54
T
54
T
51
5A
Z
5A
Z
4C
L
50
P
52
20
-
20
-
5A
Z
5A
Z
60
05
1310nm
05
1310nm
05
1310nm
05
1310nm
61
1E
1E
1E
1E
92
68
68
68
68
93
F0
F0
F0
F0
94
01
01
01
01


Similar Part No. - AFCT-5760ALZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5760ALZ BOARDCOM-AFCT-5760ALZ Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
More results

Similar Description - AFCT-5760ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com