Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5961ATLZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5961ATLZ
Description  Single Mode Laser Small Form Factor Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5961ATLZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5961ATLZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5961ATLZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5961ATLZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5961ATLZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5961ATLZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5961ATLZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5961ATLZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5961ATLZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5961ATLZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Figure3.BlockDiagram
Package
The overall package concept for these devices consists
of the following basic elements; two optical subassem-
blies, a electrical subassembly and the housing as illus-
trated in the block diagram in Figure 3.
The package outline drawing and pin out are shown in
Figures 4 and 5. The details of this package outline and
pin out are compliant with the multisource definition of
the 2 x 5 DIP. The low profile of the Avago Technologies
transceiver design complies with the maximum height
allowed for the LC connector over the entire length of
the package.
The electrical subassembly consists of high volume
multilayer printed circuit board on which the IC and
various surface-mounted passive circuit elements are
attached.
The optical subassemblies are attached to the electrical
subassembly. These two units are then fitted within the
outer housing of the transceiver. The housing is then
encased with a metal EMI protective shield.
The electrical subassemby carries the signal pins that
exit from the bottom of the transceiver. The solder
posts are designed to provide the mechanical strength
required to withstand the loads imposed on the trans-
ceiver by mating with the LC connectored fiber cables.
Although they are not connected electrically to the
transceiver, it is recommended to connect them to
chassis ground.
DATA OUT
SIGNAL
DETECT
DATA IN
DATA IN
Tx DISABLE
QUANTIZER IC
LASER DRIVER
AND CONTROL
CIRCUIT
PIN PHOTODIODE
PREAMPLIFIER
SUBASSEMBLY
LASER
OPTICAL
SUBASSEMBLY
DATA OUT
LC
RECEPTACLE
R
X SUPPLY
T
X SUPPLY
R
X GROUND
T
X GROUND
LASER BIAS
MONITORING
LASER DIODE
MODULATOR
CASE
NOTE
NOTE: NOSE CLIP PROVIDES CONNECTION TO CHASSIS GROUND FOR BOTH EMI AND THERMAL DISSIPATION.


Similar Part No. - AFCT-5961ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5962ATLZ AVAGO-AFCT-5962ATLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962NLZ AVAGO-AFCT-5962NLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962TLZ AVAGO-AFCT-5962TLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
More results

Similar Description - AFCT-5961ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962TLZ AVAGO-AFCT-5962TLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5971LZ AVAGO-AFCT-5971LZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Agilent(Hewlett-Packard...
HFCT-5760TL HP-HFCT-5760TL Datasheet
312Kb / 16P
   Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com