Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5765ATPZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5765ATPZ
Description  Families of Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5765ATPZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5765ATPZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ATPZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ATPZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ATPZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ATPZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ATPZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ATPZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ATPZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ATPZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Table 3. EEPROM Serial ID Memory Contents - Address A0h
Byte
#Decimal
Data
Hex
Notes
Byte
#Decimal
Data
Hex
Notes
Byte
#Decimal
Data
Hex
Notes
0
03
SFP physical device
27
20
54
20
1
04
SFP function defined
by serial ID only
28
20
55
20
2
07
LC optical connector
29
20
56
30
300
30
20
57
30
4
Table 4 SONET Reach Specifier 31
20
58
31
5
Table 4 SONET Compliance
Code
32
20
59
30
6
00
33
20
60
Table 4
7
00
34
20
61
Table 4
800
35
20
62
00
9
00
36
00
63
Checksum for Bytes
0-623
10
00
37
00
Hex Byte of Vendor
OUI1
64
00
11
05
SONET Scrambled
38
17
Hex Byte of Vendor
OUI1
65
1A
Hardware SFP
Tx_Disable, Tx_Fault &
Rx_LOS
12
02
155 Mbit/sec nominal
bit rate
39
6A
Hex Byte of Vendor
OUI1
66
00
Upper Bit Rate Margin
13
00
40
41
A
67
00
Lower Bit Rate Margin
14
Table 4 Link length 9 μm in
km
41
46
F
68-83
Vendor Specific Serial
Number ASCII char-
acters4
15
Table 4 Link length 9 μm in m 42
43
C
84-91
Vendor Date Code
ASCII characters5
16
00
43
54
T
92
Table 4
17
00
44
2D
-
93
Table 4
18
00
45
35
5
94
Table 4
19
00
46
37
7
95
Checksum for Bytes
64-943
20
41
A
47
36
6
96-127
00
Vendor specific
EEPROM
21
56
V
48
Table 4
128-255 00
Reserved
22
41
A
49
Table 4
23
47
G
50
Table 4
24
4F
O
51
Table 4
25
20
52
Table 4
26
20
53
20
Notes:
1. The IEEE Organizationally Unique Identifier (OUI) assigned to Avago is 00-17-6A (3 bytes of hex).
2. Laser wavelength is represented in 16 unsigned bits.
3. Addresses 63 and 95 are checksums calculated (per SFF-8472 and SFF-8074) and stored prior to product shipment.
4. Addresses 68-83 specify the ASCII serial number and will vary on a per unit basis.
5. Addresses 84-91 specify the ASCII date code and will vary on a per date code basis.


Similar Part No. - AFCT-5765ATPZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5765ATPZ BOARDCOM-AFCT-5765ATPZ Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
More results

Similar Description - AFCT-5765ATPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com