Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5815BZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5815BZ
Description  nSingle Mode Fiber Optic Transceiver for ATM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5815BZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5815BZ_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5815BZ_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5815BZ_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5815BZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5815BZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5815BZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5815BZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5815BZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5815BZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Figure 3. Recommended Circuit Schematic
NO INTERNAL
CONNECTION
NO INTERNAL
CONNECTION
TOP VIEW
Rx
V
EER
1
RD
2
SD
4
Rx
V
CCR
5
Tx
V
CCT
6
TD
8
Tx
V
EET
9
TERMINATE
AT PHY
DEVICE
INPUTS
V
cc FILTER
AT V
cc PINS
TRANSCEIVER
V
CC
C2
C1
L1 L2
TD
RD
3
TD
7
R8
RD
RD
V
CC
R5
R7
R6
C6
SD
R10
C7
C8
C3
C4
R4
V
CC
R2
R3
R1
TERMINATION
AT
TRANSCEIVER
INPUTS
TD
C5
R9
Recommended Circuit Schematic
In order to ensure proper functionality of the AFCT‑5815xZ
a recommended circuit is provided in Figure 3. When de‑
signing the circuit interface, there are a few fundamental
guidelines to follow. For example, in the Recommended
Circuit Schematic figure the differential data lines should
be treated as 50 ohm Microstrip or stripline transmission
lines. This will help to minimize the parasitic inductance
and capacitance effects. Proper termination of the dif‑
ferential data signals will prevent reflections and ringing
which would compromise the signal fidelity and gener‑
ate unwanted electrical noise. Locate termination at the
received signal end of the transmission line. The length
of these lines should be kept short and of equal length.
For the high speed signal lines, differential signals should
be used, not single‑ended signals, and these differential
signals need to be loaded symmetrically to prevent un‑
balanced currents from flowing which will cause distor‑
tion in the signal.
Maintain a solid, low inductance ground plane for re‑
turning signal currents to the power supply. Multilayer
plane printed circuit board is best for distribution of VCC,
returning ground currents, forming transmission lines
and shielding, Also, it is important to suppress noise
from influencing the fiber‑optic transceiver performance,
especially the receiver circuit. Proper power supply
filtering of VCC for this transceiver is accomplished by
using the recommended, separate filter circuits shown in
Figure 3 for the transmitter and receiver sections. These
filter circuits suppress VCC noise over a broad frequency
range, this prevents receiver sensitivity degradation due
to VCC noise. It is recommended that surface‑mount
components be used. Use tantalum capacitors for the
10 µF capacitors and monolithic, ceramic bypass capaci‑
tors for the 0.1 µF capacitors. Also, it is recommended
that a surface‑ mount coil inductor of 3.3 µH be used.
Ferrite beads can be used to replace the coil inductors
when using quieter VCC supplies, but a coil inductor
is recommended over a ferrite bead. All power supply
components need to be placed physically next to the
VCC pins of the receiver and transmitter. Use a good, uni‑
form ground plane with a minimum number of holes to
provide a low‑inductance ground current return for the
power supply currents.
In addition to these recommendations, Avago Tech‑
nologies Application Engineering staff is available for
consulting on best layout practices with various vendors
mux/demux, clock generator and clock recovery circuits.
Avago Technologies has participated in several reference
design studies and is prepared to share the findings of
these studies with interested customers. Contact your
local Avago Technologies sales representative to arrange
for this service.
NOTES:
THE SPLIT‑LOAD TERMINATIONS FOR PECL SIGNALS
NEED TO BE LOCATED AT THE INPUT OF DEVICES
RECEIVING THOSE PECL SIGNALS.
RECOMMEND 4‑LAYER PRINTED CIRCUIT BOARD
WITH 50
Ω MICROSTRIP SIGNAL PATHS BE USED.
FOR +5.0V AND +3.3V OPERATION.
R1 = R4 = R6 = R8 = R10 = 130
R2 = R3 = R5 = R7 = R9 = 82
C1 = C2 = 10 µF
C3 = C4 = C7 = C8 = 100 nF
C5 = C6 = 0.1 µF
L1 = L2 = 3.3 µH COIL OR FERRITE INDUCTOR.


Similar Part No. - AFCT-5815BZ_15

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFCT-5815BZ-3.3V-C ATGBICS-AFCT-5815BZ-3.3V-C Datasheet
353Kb / 4P
   AFCT-5815BZ (3.3V) Avago Broadcom Compatible Transceiver 1x9 Transceiver for ATM, SONET OC-3/SDH STM-1, Black Case (1300nm, 155Mbps, SMF, Long Reach, SC, 3.3v)
AFCT-5815BZ-5V-C ATGBICS-AFCT-5815BZ-5V-C Datasheet
353Kb / 4P
   AFCT-5815BZ (5V) Avago Broadcom Compatible Transceiver 1x9 Transceiver for ATM, SONET OC-3/SDH STM-1, Black Case (1300nm, 155Mbps, SMF, Long Reach, SC, 5v)
More results

Similar Description - AFCT-5815BZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815XZ AVAGO-AFCT-5815XZ Datasheet
313Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-1T18 ETC-TTC-1T18 Datasheet
87Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1T23 ETC-TTC-1T23 Datasheet
88Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100_G AVAGO-SPFEIM100_G Datasheet
316Kb / 5P
   Fiber Optic Transceiver For Fast Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com