Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5765ANLZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5765ANLZ
Description  Families of Small Form Factor Pluggable (SFP) Optical Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5765ANLZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5765ANLZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ANLZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ANLZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ANLZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ANLZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ANLZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ANLZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ANLZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ANLZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Table 5. EEPROM Serial ID Memory Contents - Address A2h (AFCT-5765Z family only)
Byte
#Decimal Notes
Byte
#Decimal Notes
Byte
#Decimal
Notes
0
Temp H Alarm MSB1
26
Tx Pwr L Alarm MSB4
104
Real Time Rx PAV MSB5
1
Temp H Alarm LSB1
27
Tx Pwr L Alarm LSB4
105
Real Time Rx PAV LSB5
2
Temp L Alarm MSB1
28
Tx Pwr H Warning MSB4
106
Reserved
3
Temp L Alarm LSB1
29
Tx Pwr H Warning LSB4
107
Reserved
4
Temp H Warning MSB1
30
Tx Pwr L Warning MSB4
108
Reserved
5
Temp H Warning LSB1
31
Tx Pwr L Warning LSB4
109
Reserved
6
Temp L Warning MSB1
32
Rx Pwr H Alarm MSB5
110
Status/Control - see Table 6
7
Temp L Warning LSB1
33
Rx Pwr H Alarm LSB5
111
Reserved
8VCC H Alarm MSB2
34
Rx Pwr L Alarm MSB5
112
Flag Bits - see Table 7
9VCC H Alarm LSB2
35
Rx Pwr L Alarm LSB5
113
Flag Bit - see Table 7
10
VCC L Alarm MSB2
36
Rx Pwr H Warning MSB5
114
Reserved
11
VCC L Alarm LSB2
37
Rx Pwr H Warning LSB5
115
Reserved
12
VCC H Warning MSB2
38
Rx Pwr L Warning MSB5
116
Flag Bits - see Table 7
13
VCC H Warning LSB2
39
Rx Pwr L Warning LSB5
117
Flag Bits - see Table 7
14
VCC L Warning MSB2
40-55
Reserved
118
Reserved
15
VCC L Warning LSB2
56-94
External Calibration Constants6
119
Reserved
16
Tx Bias H Alarm MSB3
95
Checksum for Bytes 0-947
120-122
Reserved
17
Tx Bias H Alarm LSB3
96
Real Time Temperature MSB1
123
18
Tx Bias L Alarm MSB3
97
Real Time Temperature LSB1
124
19
Tx Bias L Alarm LSB3
98
Real Time Vcc MSB2
125
20
Tx Bias H Warning MSB3
99
Real Time Vcc LSB2
126
21
Tx Bias H Warning LSB3
100
Real Time Tx Bias MSB3
127
Reserved8
22
Tx Bias L Warning MSB3
101
Real Time Tx Bias LSB3
128-247
Customer Writable9
23
Tx Bias L Warning LSB3
102
Real Time Tx Power MSB4
248-254
Vendor Specific
24
Tx Pwr H Alarm MSB4
103
Real Time Tx Power LSB4
255
25
Tx Pwr H Alarm LSB4
Notes:
1. Temperature (Temp) is decoded as a 16 bit signed twos compliment integer in increments of 1/256 °C.
2. Supply voltage (VCC) is decoded as a 16 bit unsigned integer in increments of 100 μV.
3. Laser bias current (Tx Bias) is decoded as a 16 bit unsigned integer in increments of 2 μA.
4. Transmitted average optical power (Tx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 μW.
5. Received average optical power (Rx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 μW.
6. Bytes 55-94 are not intended from use with AFCT-5765xxxx, but have been set to default values per SFF-8472.
7. Bytes 95 is a checksum calculated (per SFF-8472) and stored prior to product shipment.
8. Byte 127 accepts a write but performs no action (reserved legacy byte).
9. Bytes 128-247 are write enabled (customer writable).
10. Byte 255 bits 2 and 3 control laser margining (per Table 7) when an enabling password is entered into bytes 123-126.


Similar Part No. - AFCT-5765ANLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5765ANLZ AVAGO-AFCT-5765ANLZ Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI Part of the Avago Technologies METRAK Family
More results

Similar Description - AFCT-5765ANLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5760Z AVAGO-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com