Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5705PZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705PZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705PZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705PZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705PZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Table 4. Recommended Operating Conditions
Typical operating conditions are those values for which functional performance and device reliability is implied.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Case Operating Temperature
AFCT-5701LZ/PZ & AFCT-5705LZ/PZ
AFCT-5701ALZ/APZ & AFCT-5705ALZ/APZ
TC
TC
-10
-40
+85
+85
° C
° C
Supply Voltage
VCC
3.14
3.3
3.47
V
Table 3. Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which functional performance is not intended, device reliabil-
ity is not implied, and damage to the device may occur.
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Storage Temperature (non-operating)
TS
-40
+100
° C
Relative Humidity
RH
5
95
%
Case Temperature
TC
-40
85
° C
Supply Voltage
VCC
-0.5
3.8
V
1
Control Input Voltage
VI
-0.5
VCC+0.5
V
Table 5. Transceiver Electrical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Module supply current
ICC
200
240
mA
2
Power Dissipation
PDISS
660
830
mW
2
AC Electrical Characteristics
Power Supply Noise Rejection (peak - peak)
PSNR
100
mV
3
Inrush Current
30
mA
DC Electrical Characteristics
Sense Outputs:
Transmit Fault (TX_FAULT)
Loss of Signal (LOS) MOD-DEF2
VOH
2.0
VccT, R+0.3
V
4
VOL
0.8
V
Control Inputs:
Transmitter Disable (TX_DISABLE)
MOD-DEF1, 2
VIH
2.0
Vcc
V
4,5
VIL
0.8
V
Data Input:
Transmitter Differential Input Voltage (TD+/-)
VI
500
2400
mV
6
Data Ouput:
Receiver Differential Output Voltage (RD+/-)
VO
370
1600
mV
7
Receiver Data Rise and Fall Times
Trf
400
ps
Receiver Contributed Deterministic
Jitter(1.0625Gbps)
DJ
0.13
122
UI
ps
8
Receiver Contributed Total Jitter
(1.0625Gbps)
TJ
0.8
188
UI
ps
9
Receiver Contributed Total Jitter
(1.25Gbps)
TJ
0.33
267
UI
ps
10


Similar Part No. - AFCT-5705PZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5705PZ AVAGO-AFCT-5705PZ Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5705PZ AVAGO-AFCT-5705PZ Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
More results

Similar Description - AFCT-5705PZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_15 Datasheet
249Kb / 19P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
logo
Broadcom Corporation.
AFCT-5701XXZ BOARDCOM-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers with Optional DMI for Gigabit Ethernet and Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710LZ AVAGO-AFBR-5710LZ_15 Datasheet
508Kb / 20P
   Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
logo
OPLINK Communications I...
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com