Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5765LZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5765LZ
Description  Families of Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5765LZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5765LZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765LZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765LZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765LZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765LZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765LZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765LZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765LZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765LZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Figure 3. MSA required power supply filter
V
CCT
0.1 µF
0.1 µF
10 µF
1 µH
1 µH
0.1 µF
10 µF
3.3 V
SFP MODULE
V
CCR
HOST BOARD
Receiver Section
The receiver section for the AFCT-576xZ contains an
InGaAs/InP photo detector and a preamplifier mounted
in an optical subassembly. This optical subassembly is
coupled to a post amplifier/decision circuit on a circuit
board. The design of the optical subassembly provides
better than 12 dB Optical Return Loss (ORL).
Connection to the receiver is provided via a LC optical
connector.
RX_LOS
The receiver section contains a loss of signal (RX_LOS)
circuit to indicate when the optical input signal power
is insufficient for SONET/SDH compliance. A high signal
indicates loss of modulated signal, indicating link failure
such as a broken fiber or a failed transmitter. RX_LOS can
be also be monitored via the two-wire serial (address A2,
byte 110, bit 1).
Functional Data I/O
Avago’s AFCT-576xZ transceiver is designed to accept
industry standard differential signals. The transceiver pro-
vides an AC-coupled, internally terminated data interface.
Bias resistors and coupling capacitors have been included
within the module to reduce the number of components
required on the customer’s board. Figure 2 illustrates the
recommended interface circuit.
Digital Diagnostic Interface and Serial Identification
The AFCT-576xZ family complies with the SFF-8074i spec-
ification, which defines the module’s serial identification
protocol to use the 2-wire serial CMOS EEPROM protocol
of the ATMEL AT24C01A or similar. Standard SFP EEPROM
bytes 0-255 are addressed per SFF-8074i at memory ad-
dress 0xA0 (A0h).
As an enhancement to the conventional SFP interface
defined in SFF-8074i, the AFCT-5765Z is also compliant
to SFF-8472 (the digital diagnostic interface for SFP). This
enhancement adds digital diagnostic monitoring to stan-
dard SFP functionality, enabling failure prediction, fault
isolation, and component monitoring capabilities.
Using the 2-wire serial interface, the AFCT-5765Z pro-
vides real time access to transceiver internal supply volt-
age and temperature, transmitter output power, laser
bias current and receiver average input power, allowing
a host to predict system compliance issues. These five
parameters are internally calibrated, per the MSA. New
digital diagnostic information is accessed per SFF-8472
using EEPROM bytes 0-255 at memory address 0xA2
(A2h).
The digital diagnostic interface also adds the ability to
disable the transmitter (TX_DISABLE), monitor for Trans-
mitter Faults (TX_FAULT) and monitor for Receiver Loss
of Signal (RX_LOS).
Contents of the MSA-compliant serial ID memory are
shown in Tables 3 to 7. The SFF-8074i and SFF-8472
specifications are available from the SFF Committee at
http://www.sffcommittee.org.
The I2C accessible memory page address 0xB0 is used
internally by SFP for the test and diagnostic purposes
and it is reserved.
Predictive Failure Identification
The diagnostic information allows the host system to
identify potential link problems. Once identified, a fail-
over technique can be used to isolate and replace sus-
pect devices before system uptime is impacted.
Compliance Prediction
The real-time diagnostic parameters can be monitored
to alert the system when operating limits are exceeded
and compliance cannot be ensured.
Fault Isolation
The diagnostic information can allow the host to pin-
point the location of a link problem and accelerate sys-
tem servicing and minimize downtime.
Component Monitoring
As part of the host system monitoring, the real time di-
agnostic information can be combined with system level
monitoring to ensure system reliability.
Application Support
An Evaluation Kit and Reference Designs are available to
assist in evaluation of the AFCT-576xZ SFPs. Please con-
tact your local Field Sales representative for availability
and ordering details.


Similar Part No. - AFCT-5765LZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5765LZ BOARDCOM-AFCT-5765LZ Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
More results

Similar Description - AFCT-5765LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com