Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5701APZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5701APZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5701APZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5701APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5701APZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Notes:
1
The module supply voltages, VccT and VccR, must not differ by more than 0.5V or damage to the device may occur.
2. Over temperature and Beginning of Life.
3. MSA filter is required on host board 10 Hz to 1 MHz. See Figure 3
4. LVTTL, External 4.7 - 10 K
 Pull-Up Resistor required
5. LVTTL, Internal 4.7 - 10 K
 Pull-Up Resistor required for TX_Disable
6. Internally ac coupled and terminated (100 Ohm differential)
7. Internally ac coupled and load termination located at the user SerDes
8. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern
9. Contributed total jitter is calculated from DJ and RJ measurements using TJ = RJ + DJ. Contributed RJ is calculated for 1x10-12 BER by multiply-
ing the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per FC-PI (Table 9 - SM jitter output, note 1), the actual
contributed RJ is allowed to increase above its limit if the actual contributed DJ decreases below its limits, as long as the component output DJ
and TJ remain within their specified FC-PI maximum limits with the worst case specified component jitter input.
10. Per IEEE 802.3
Table 6. Transmitter Optical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Modulated Optical Output Power (OMA)
(Peak-to-Peak) 1.0625 Gb/s
OMA
174
-7.6
μW OMA
dBm OMA
Note 2
Average Optical Output Power
POUT
-9.5
-3
dBm
Note 1
Optical Extinction Ratio
ER
9
dB
TX Optical Eye Mask Margin 1.25 Gb/s
MM
0
30
%
Notes 5, 6
Center Wavelength
λC
1270
1355
nm
Note 2
Spectral Width - rms
σ, rms
2.1
nm
Note 2
Optical Rise/Fall Time
tr, tf
260
ps
20-80%
Relative Intensity Noise
RIN
-120
dB/Hz
Contributed Deterministic Jitter (Transmitter)
1.0625 Gb/s
DJ
0.09
85
UI
ps
Note 3
Contributed Total Jitter (Transmitter)
1.0625 Gb/s
TJ
0.27
251
UI
ps
Note 4
Contributed Total Jitter (Transmitter)
1.25 Gb/s
TJ
0.284
227
UI
ps
Note 5
POUT TX_DISABLE Asserted
POFF
-45
dBm
Notes:
1. Class 1 Laser Safety per FDA/CDRH
2. In conformance with FC-PI Figure 18, which defines allowable trade-off between wavelength, spectral width and OMA.
3. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern.
4. Contributed total jitter is calculated from DJ and RJ measurements using TJ = RJ + DJ. Contributed RJ is calculated for 1x10-12 BER by multiply-
ing the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per FC-PI (Table 9 - SM jitter output, note 1), the actual
contributed RJ is allowed to increase above its limit if the actual contributed DJ decreases below its limits, as long as the component output DJ
and TJ remain within their specified FC-PI maximum limits with the worst case specified component jitter input.
5. IEEE 802.3
6. Eye shall be measured with respect to the mask of the eye using filter defined in IEEE 802.3 section 38.6.5


Similar Part No. - AFCT-5701APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701APZ AVAGO-AFCT-5701APZ Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701APZ AVAGO-AFCT-5701APZ Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
More results

Similar Description - AFCT-5701APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_15 Datasheet
249Kb / 19P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
logo
Broadcom Corporation.
AFCT-5701XXZ BOARDCOM-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers with Optional DMI for Gigabit Ethernet and Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710LZ AVAGO-AFBR-5710LZ_15 Datasheet
508Kb / 20P
   Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
logo
OPLINK Communications I...
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com