Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-5179BZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5179BZ
Description  SC Duplex Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5179BZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5179BZ_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179BZ_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179BZ_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179BZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179BZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179BZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179BZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5179BZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Connection Diagram
RECEIVER SIGNAL GROUND
RECEIVER DATA OUT
RECEIVER DATA OUT BAR
SIGNAL DETECT
RECEIVER POWER SUPPLY
TRANSMITTER POWER SUPPLY
TRANSMITTER DATA IN BAR
TRANSMITTER DATA IN
TRANSMITTER SIGNAL GROUND
o
o
o
o
o
o
o
o
o
1
2
3
4
5
6
7
8
9
Top View
N/C
N/C
Pin Descriptions:
Pin 1 Receiver Signal Ground VEER:
Directly connect this pin to the receiver ground plane.
Pin 2 Receiver Data Out RD:
See recommended circuit schematic, Figure 4.
Pin 3 Receiver Data Out Bar RD:
See recommended circuit schematic, Figure 4.
Pin 4 Signal Detect SD:
Normal optical input levels to the receiver result in a logic
“1” output.
Low optical input levels to the receiver result in a fault
condition indicated by a logic “0” output.
This Signal Detect output can be used to drive a PECL
input on an upstream circuit, such as Signal Detect input
or Loss of Signal-bar.
Pin 5 Receiver Power Supply VCCR:
Provide +3.3 V or +5 V DC via the recommended transmit-
ter power supply filter circuit. Locate the power supply
filter circuit as close as possible to the VCC pin.
Pin 6 Transmitter Power Supply VCCT:
Provide +3.3 V or +5 V DC via the recommended transmit-
ter power supply filter circuit. Locate the power supply
filter circuit as close as possible to the VCC pin.
Pin 7 Transmitter Data In Bar TD:
See recommended circuit schematic, Figure 4.
Pin 8 Transmitter Data In TD:
See recommended circuit schematic, Figure 4.
Pin 9 Transmitter Signal Ground VEET:
Directly connect this pin to the transmitter ground plane.
Mounting Studs
The mounting studs are provided for mechanical attach-
ment to the circuit board. They are embedded in the
nonconductive plastic housing and are not tied to the
transceiver internal circuit and should be soldered into
plated-through holes on the printed circuit board.


Similar Part No. - AFCT-5179BZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
More results

Similar Description - AFCT-5179BZ_15

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Pasternack Enterprises,...
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300008-1 PASTERNACK-PE300008-1 Datasheet
282Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179AZ AVAGO-AFCT-5179AZ Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
logo
Pasternack Enterprises,...
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
PE300533-1 PASTERNACK-PE300533-1 Datasheet
121Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO
logo
List of Unclassifed Man...
OC-3 ETC2-OC-3 Datasheet
440Kb / 10P
   1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
logo
Pasternack Enterprises,...
PE300408-1 PASTERNACK-PE300408-1 Datasheet
108Kb / 1P
   CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
PE300408-3 PASTERNACK-PE300408-3 Datasheet
108Kb / 1P
   CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com