Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-57J7ATPZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57J7ATPZ
Description  RoHS OBSAI/CPRI Compatible, Digital Diagnostic Optical Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-57J7ATPZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-57J7ATPZ_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J7ATPZ_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J7ATPZ_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J7ATPZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J7ATPZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J7ATPZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J7ATPZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J7ATPZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J7ATPZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AFCT-57J7ATPZ
1310nm, 20km, 7.373/6.144 Gb/s, Low Voltage (3.3 V)
SFP (Small Form Pluggable), RoHS OBSAI/CPRI
Compatible, Digital Diagnostic Optical Transceiver
Data Sheet
Features
 Diagnostic features per SFF-8472“Diagnostic
Monitoring Interface for Optical Transceivers”
 Compliant to Restriction on Hazardous Substances
(RoHS) directive
 Real time monitors of:
– Transmitted average optical power
– Received average optical power
– Laser bias current
– Temperature
– Supply voltage
 High performance 1310 nm DFB laser
 Wide Temperature and Supply Voltage Operation
(-40°C to 85°C) (3.3 V ± 10%)
 Management interface specifications per SFF
Committee SFF 8431
 Mechanical specifications per SFF Committee SFF
8432 Improved Pluggable Formfactor "IPF"
 Up to 20km with single mode fiber for 7.373 Gb/s
 Up to 20km with single mode fiber for 6.144 Gb/s
 LC Duplex optical connector interface conforming to
ANSI TIA/EIA604-10 (FOCIS 10)
 IEC 60825-1 Class 1/CDRH Class 1 laser eye safe
 Compatible with Fibre Channel and Gigabit Ethernet
applications
Applications
 Wireless and cellular base station system interconnect:
– OBSAI rates 6.144 Gb/s, 3.072 Gb/s, 1.536 Gb/s
– CPRI rates 7.373 Gb/s, 2.458 Gb/s, 1.229 Gb/s
Description
The AFCT-57J7ATPZ optical transceiver supports high-
speed serial links over singlemode optical fiber at signaling
rates up to 7.373 Gb/s. Compliant with Small Form
Pluggable (SFP) Multi Source Agreement (MSA) mechani-
cal and electrical specifications, ANSI Fibre Channel FC-PI-3
and compatible with IEEE 802.3 for gigabit applications.
As an enhancement to the conventional SFP interface
defined in SFF-8074i, the AFCT-57J7ATPZ is compliant
to SFF-8472 (digital diagnostic interface for SFP). Using
the 2-wire serial interface defined in the SFP MSA, the
AFCT-57J7ATPZ provides real time temperature, supply
voltage, laser bias current, laser average output power
and received average input power. This information is in
addition to the conventional SFP data. The digital diagnos-
tic interface also adds the ability to disable the transmitter
(TX_DISABLE), monitor for Transmitter Faults (TX_FAULT),
and monitor for Receiver Loss of Signal (RX_LOS).
Related Products
 AFBR-57J7APZ: 850nm +3.3V LC SFP
for 7.373/6.144 GBd CPRI/OBSAI
 AFBR-57J5APZ: 850nm +3.3V LC SFP
for 3.072/2.456 GBd CPRI/OBSAI
 AFCT-57J5APZ: 1310nm +3.3V LC SFP
for 3.072/2.456 GBd CPRI/OBSAI
 AFCT-57J5ATPZ: 1310nm +3.3V LC SFP
for 3.072/2.456 GBd CPRI/OBSAI


Similar Part No. - AFCT-57J7ATPZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ Datasheet
248Kb / 17P
   Compatible, Digital Diagnostic Optical Transceiver
logo
Broadcom Corporation.
AFCT-57J7ATPZ BOARDCOM-AFCT-57J7ATPZ Datasheet
176Kb / 19P
   1310nm, Fabry Perot 3.072/2.4576 Gb/s, Low Voltage (3.3V) SFP (Small Form Pluggable), RoHS OBSAI/CPRI Compatible Digital Diagnostic Optical Transceiver
AFCT-57J7ATPZ BOARDCOM-AFCT-57J7ATPZ Datasheet
152Kb / 18P
   1310nm, 20km, 3.072/2.4576 Gb/s, Low Voltage (3.3 V), SFP (Small Form Pluggable), RoHS OBSAI/CPRI Compatible, Digital Diagnostic Optical Transceiver
More results

Similar Description - AFCT-57J7ATPZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57J9AMZ AVAGO-AFBR-57J9AMZ Datasheet
452Kb / 17P
   RoHS OBSAI/CPRI Compatible Optical Transceiver
AFBR-57J5APZ AVAGO-AFBR-57J5APZ_13 Datasheet
344Kb / 18P
   Digital Diagnostic SFP, 850nm 3.072/2.4576 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
AFBR-57J7APZ AVAGO-AFBR-57J7APZ Datasheet
344Kb / 18P
   Digital Diagnostic SFP, 850nm 6.144/7.3728 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
logo
Broadcom Corporation.
AFBR-57J7APZ BOARDCOM-AFBR-57J7APZ Datasheet
151Kb / 18P
   Digital Diagnostic SFP, 850nm 6.144/7.3728 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57J5APZ AVAGO-AFBR-57J5APZ Datasheet
579Kb / 18P
   Digital Diagnostic SFP, 850nm 3.072/2.4576 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
AFCT-57J5APZ AVAGO-AFCT-57J5APZ Datasheet
516Kb / 19P
   Digital Diagnostic SFP, 1310nm, Fabry Perot 3.072/2.4576 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
logo
Broadcom Corporation.
AFCT-57J5ATPZ BOARDCOM-AFCT-57J5ATPZ Datasheet
152Kb / 18P
   1310nm, 20km, 3.072/2.4576 Gb/s, Low Voltage (3.3 V), SFP (Small Form Pluggable), RoHS OBSAI/CPRI Compatible, Digital Diagnostic Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ Datasheet
248Kb / 17P
   Compatible, Digital Diagnostic Optical Transceiver
logo
Broadcom Corporation.
AFCT-57J5APZ BOARDCOM-AFCT-57J5APZ Datasheet
176Kb / 19P
   1310nm, Fabry Perot 3.072/2.4576 Gb/s, Low Voltage (3.3V) SFP (Small Form Pluggable), RoHS OBSAI/CPRI Compatible Digital Diagnostic Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ_15 Datasheet
286Kb / 19P
   Digital Diagnostic Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com