Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-5715APZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5715APZ
Description  Transceivers with Optional DMI for Gigabit Ethernet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5715APZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-5715APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715APZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715APZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Table 7. Receiver Optical Characteristics
Parameter
Symbol
Minimum Typical
Maximum
Unit
Notes
Optical Input Power
PR
-17
0
dBm
Receiver Sensitivity
(Optical Input Power)
PRMIN
-21
-17
dBm
Stressed Receiver Sensitivity
-12.5
dBm
62.5/125
mm fiber
-13.5
dBm
50/125
mm fiber
Total Jitter
(TP3 to TP4 Contribution 1.25GBd)
TJ
266
ps
0.332
UI
Return Loss
-12
dB
LOS De-Asserted
PD
-
-17
dBm
LOS Asserted
PA
-30
dBm
LOS Hysterisis
PD-PA
3
dB
Table 6. Transmitter Optical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Output Optical Power (Average)
POUT
-9.5
-6.5
-3
dBm
1
Optical Extinction Ratio
ER
9
12
dB
Center Wavelength
lC
830
850
860
nm
Spectral Width - rms
s
0.85
nm
Optical Rise/Fall Time
Trise/fall
150
260
ps
Relative Intensity Noise
RIN
-117
dB/Hz
Total Jitter (TP1 to TP2 Contribution
TJ
227
ps
0.284
UI
Pout TX_DISABLE Assorted
POFF
-35
dBm
Notes:
1. 50/125 µm fiber with NA = 0.2, 62.5/125 µm fiber with NA = 0.275.
Figure 5a. Gigabit Ethernet transmitter eye mask diagram
Figure 5b. Typical AFBR-571xZ eye mask diagram
80
50
20
0
22
37.5
78
NORMALIZED TIME (% OF UNIT INTERVAL)
100
100
0
130
62.5
–20
0.80
0.50
0.20
1.00
0
1.30
–0.20
0
0.22
0.375
0.78
1.0
0.625
NORMALIZED TIME (UNIT INTERVAL)


Similar Part No. - AFBR-5715APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715APZ AVAGO-AFBR-5715APZ Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
ATGBICS by Approved Tec...
AFBR-5715APZ-C ATGBICS-AFBR-5715APZ-C Datasheet
293Kb / 8P
   AFBR-5715APZ Avago Broadcom Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m, DOM, Ind Temp)
More results

Similar Description - AFBR-5715APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_15 Datasheet
249Kb / 19P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5701Z AVAGO-AFCT-5701Z_15 Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
logo
Broadcom Corporation.
AFCT-5701XXZ BOARDCOM-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers with Optional DMI for Gigabit Ethernet and Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
logo
SIXNET Technology Park
GXFIBER-SFP SIXNET-GXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com