Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-5921ALZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5921ALZ
Description  RoHS-Compliant Optical Transceiver for Fibre Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5921ALZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-5921ALZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5921ALZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5921ALZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5921ALZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5921ALZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5921ALZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-5921ALZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-5921ALZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-5921ALZ_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Table 7. Transmitter and Receiver Electrical Characteristics
(TC = -10°C to +85°C, VCC = 3.3 V ± 10%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Data Input:
Transmitter Differential Input
Voltage (TD +/–)
VI
400
2400
mV
1
Data Output:
Receiver Differential Output
Voltage (RD +/–)
VO
500
625
2000
mV
2
Receive Data Rise and Fall
Times (Receiver)
Trise/fall
200
ps
3
Contributed Deterministic Jitter
(Receiver) 2.125 Gb/s
DJ
0.1
UI
4,6
47
ps
Contributed Deterministic Jitter
(Receiver) 1.0625 Gb/s
DJ
0.12
UI
4,6
113
ps
Contributed Random Jitter
(Receiver) 2.125 Gb/s
RJ
0.162
UI
5,6
76
ps
Contributed Random Jitter
(Receiver) 1.0625 Gb/s
RJ
0.09
UI
5,6
92
ps
Notes:
1. Internally AC coupled and terminated (100 Ohm differential). These levels are compatible with CML and LVPECL voltage swings.
2. Internally AC coupled with internal 50 ohm pullups to VCC (single-ended) and a required external 100 ohm differential load termination.
3. 20%-80% Rise and Fall times measured with a 500 MHz signal utilizing a 1010 data pattern.
4. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern.
5. Contributed RJ is calculated for 1E-12 BER by multiplying the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per
the FC-PI standard (Table 13 - MM jitter output, note 1), the actual contributed RJ is allowed to increase above its limit if the actual contributed
DJ decreases below its limits, as long as the component output DJ and TJ remain within their specified FC-PI maximum limits with the worst case
specified component jitter input.
6. In a network link, each component’s output jitter equals each component’s input jitter combined with each component’s contributed jitter.
Contributed DJ adds in a linear fashion and contributed RJ adds in a RMS fashion. In the Fibre Channel specification, there is a table specifying the
input and output DJ and TJ for the receiver at each data rate. In that table, RJ is found from TJ –DJ, where the RX input jitter is noted as Gamma R,
and the RX output jitter is noted as Delta R. The AFBR-5921ALZ contributed jitter is such that, if the maximum specified input jitter is present, and is
combined with our maximum contributed jitter, then we meet the specified maximum output jitter limits listed in the FC-PI MM jitter specification
table.
7. Please refer to the AFBR-5921ALZ Characterization Report for typical values.


Similar Part No. - AFBR-5921ALZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5921ALZ AVAGO-AFBR-5921ALZ Datasheet
691Kb / 13P
   Small Form Factor, Pin Through Hole (PTH), Low Voltage (3.3 V) 2x5 RoHS-Compliant Optical Transceiver for Fibre Channel 2.125/1.0625 GBd 850 nm
More results

Similar Description - AFBR-5921ALZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-59R5LZ AVAGO-AFBR-59R5LZ_15 Datasheet
590Kb / 19P
   RoHS-Compliant Optical Transceiver
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ Datasheet
380Kb / 18P
   Digital Diagnostic SFP, 10km, 1310nm DFB, 8.5/4.25/2.125 GBd Fibre Channel RoHS Compliant Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com