Electronic Components Datasheet Search |
|
AFBR-5701PZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
AFBR-5701PZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 22 page AFBR-5701Z and AFBR-5705Z Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd) Data Sheet Features • ROHS-6 Compliant • Compliant to IEEE 802.3 Gigabit Ethernet (1.25GBd) 1000BaseSX & Fiber Channel FC-PI 100-M5-SN-I & 100- M6-SN-I • Optional Digital Diagnostic Monitoring available - AFBR-5701Z family: without DMI - AFBR-5705Z family: with DMI • Per SFF-8472, diagnostic features on AFBR-5705Z family enable Diagnostic Monitoring Interface for optical transceivers with real-time monitoring of: - Transmitted optical power - Received optical power - Laser bias current - Temperature - Supply voltage • Transceiver specifications according to SFP Multi-Source Agreement (SFF-8074i) and SFF-8472, Revision 9.3 • Manufactured in an ISO 9001 compliant facility • Hot-pluggable • Temperature options - (Extended) -10°C to +85°C - (Industrial) -40°C to +85°C • +3.3 V DC power supply • Industry leading EMI performance for high port density • 850 nm Vertical Cavity Surface Emitting Laser (VCSEL) • Eye safety certified • LC-Duplex fiber connector compliant Applications • Ethernet Switch • Enterprise Router • Broadband aggregation and wireless infrastructure • Storage applications including Fiber Channel and iSCSCI Description The AFBR-570xZ family of SFP optical transceivers offers the customer a wide range of design options, including optional DMI features (further described later), two temperature ranges (extended or industrial), and choice of standard or bail delatch. The AFBR-5705Z family targets those applications requiring DMI features. The AFBR-5701Z family is a streamlined product designed for those applications where DMI features are not needed. Throughout this document, AFBR-570xZ will be used to refer collectively to the product family encompassing this entire range of product options. Part Number Options The AFBR-570xZ SFP family includes the following products: Part Number DMI Temperature Latch AFBR-5701LZ No Extended Standard AFBR-5701PZ No Extended Bail AFBR-5701ALZ No Industrial Standard AFBR-5701APZ No Industrial Bail AFBR-5705LZ Yes Extended Standard AFBR-5705PZ Yes Extended Bail AFBR-5705ALZ Yes Industrial Standard AFBR-5705APZ Yes Industrial Bail * Extended Temperature Range is -10 to 85 °C Industrial Temperature Range is -40 to 85 ° C Related Products • AFBR-5715Z family: 1.25 GBd Ethernet (1000BASE-SX) SFP with DMI • AFBR-5710Z family : 1.25 GBd Ethernet (1000BASE-SX) SFP without DMI • AFCT-5705Z family: 1.25 GBd Ethernet (1000BASE-LX) & 1.0265 GBd Fiber-Channel SFP with DMI • AFCT-5701Z family: 1.25 GBd Ethernet (1000BASE-LX) & 1.0265 GBd Fiber-Channel SFP without DMI |
Similar Part No. - AFBR-5701PZ |
|
Similar Description - AFBR-5701PZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |