Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-79EQPZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-79EQPZ
Description  40 Gb Ethernet and InfiniBand Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-79EQPZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-79EQPZ_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Receiver Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted. Typical
values are for Tc = 40°C, Vcc = 3.3 V
Parameter
(From Table 86A-3 of IEEE 802.3ba)
Test Point*
Min
Typ
Max
Units Notes/Conditions
Single ended output voltage
TP4
-0.3
4
V
Referred to signal common
AC common mode voltage (RMS)
TP4
7.5
mV
RMS
Termination mismatch at 1MHz
TP4
5
%
Differential output return loss
TP4
See IEEE
802.3ba
86A.4.2.1
dB
10 MHz to 11.1 GHz
Common-mode output return loss
TP4
See IEEE
802.3ba
86A.4.2.2
dB
10 MHz to 11.1 GHz
Output transition time 20% to 80%
TP4
28
ps
J2 Jitter output
TP4
0.42
UI
J9 Jitter output
TP4
0.65
UI
Eye Mask coordinates:
X1, X2
Y1, Y2
TP4
SPECIFICATION VALUES
0.29, 0.5
150, 425
UI
mV
Hit Ratio = 5x10-5
* See Figure 6 for Test Point definitions.
Normalized Time [UI]
0
X1
X2
1-X1
1.0
Y2
-Y2
Y1
-Y1
0
Figure 4. Rx Electrical Eye Mask Coordinates (TP4) at Hit ratio 5 x 10-5 hits per sample


Similar Part No. - AFBR-79EQPZ_15

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-79EQPZ-AR2-C ATGBICS-AFBR-79EQPZ-AR2-C Datasheet
542Kb / 15P
   AFBR-79EQPZ-AR2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BR1-C ATGBICS-AFBR-79EQPZ-BR1-C Datasheet
594Kb / 15P
   AFBR-79EQPZ-BR1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BR2-C ATGBICS-AFBR-79EQPZ-BR2-C Datasheet
542Kb / 15P
   AFBR-79EQPZ-BR2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BX5-C ATGBICS-AFBR-79EQPZ-BX5-C Datasheet
594Kb / 15P
   AFBR-79EQPZ-BX5 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-C ATGBICS-AFBR-79EQPZ-C Datasheet
593Kb / 15P
   AFBR-79EQPZ Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
More results

Similar Description - AFBR-79EQPZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EIPZ AVAGO-AFBR-79EIPZ Datasheet
644Kb / 20P
   4 x 10 Gb Ethernet and InfiniBand Applications
AFBR-79EEPZ AVAGO-AFBR-79EEPZ Datasheet
697Kb / 20P
   40 Gb and 10 Gb Ethernet Applications
AFBR-79EQPZ AVAGO-AFBR-79EQPZ Datasheet
656Kb / 20P
   QSFP Pluggable, Parallel Fiber-Optics Module for 40 Gb Ethernet and InfiniBand Applications
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
AFBR-79EIDZ AVAGO-AFBR-79EIDZ Datasheet
644Kb / 19P
   QSFP iSR4 Pluggable, Parallel Fiber-Optics Module for 40Gb Ethernet, 4 x 10Gb Ethernet and InfiniBand Applications
logo
List of Unclassifed Man...
AOC-CIBF-M1 ETC2-AOC-CIBF-M1 Datasheet
437Kb / 1P
   Compact and Powerful InfiniBand FDR Adapter
AOC-UIBF-M1 ETC2-AOC-UIBF-M1 Datasheet
417Kb / 1P
   Compact and Powerful InfiniBand FDR Adapter
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79E3PZ AVAGO-AFBR-79E3PZ Datasheet
767Kb / 21P
   Ethernet Applications
logo
List of Unclassifed Man...
AOC-CIBQ-M1 ETC2-AOC-CIBQ-M1 Datasheet
391Kb / 1P
   Compact and Powerful InfiniBand QDR Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com