Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-59R5LZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-59R5LZ
Description  RoHS-Compliant Optical Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-59R5LZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-59R5LZ_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-59R5LZ_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-59R5LZ_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-59R5LZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-59R5LZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-59R5LZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-59R5LZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-59R5LZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-59R5LZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
to the Electrical Pins
MIL-STD-883C
Method 3015.4
Class 1 (> 2000 Volts)
Electrostatic Discharge (ESD)
to the Duplex LC Receptacle
Variation of IEC 61000-4-2
Typically withstands at least 15 kV without dam-
age when the duplex LC connector receptacle is
contacted by a Human Body Model probe.
Fulfills Live Traffic ESD testing up to 8 kV with
less than 1 errored second.
Electromagnetic Interference
(EMI)
FCC Class B
CENELEC EN55022 Class B
(CISPR 22A)
VCCI Class 1
System margins are dependent on customer
board and chassis design.
Immunity
Variation of IEC 61000-4-3
Typically shows no measurable effect from a 10
V/m field swept from 10 MHz to 1 GHz applied
to the transceiver without a chassis enclosure
Laser Eye Safety and
Equipment Type Testing
US FDA CDRH AEL Class 1
US21 CFR, Subchapter J per Paragraphs
1002.10 and 1002.12.
(IEC) EN60825-1: 2007
(IEC) EN60825-2: 2004+A1
(IEC) EN60950-1: 2006+A11
CDRH certification #9720151-57
TUV file #R72102088.01
Component Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment Including Electrical Business
Equipment
UL File # E173874
Must comply with UL1950 or CUL 1950.
RoHS Compliance
Less than 1000ppm of cadmium, lead, mercury,
hexavalent chromium, polybrominated biphe-
nyls, and polybrominated biphenyl ethers
Regulatory Compliance
The AFBR-59R5LZ complies with all applicable laws and
regulations as detailed in Table 1. Certification level
is dependent on the overall configuration of the host
equipment. The transceiver performance is offered as a
figure of merit to assist the designer.
Electrostatic Discharge (ESD)
The AFBR-59R5LZ is compatible with ESD levels found
in typical manufacturing and operating environments
as described in Table 1. In the normal handling and op-
eration of optical transceivers, ESD is of concern in two
circumstances.
The first case is during handling of the transceiver prior
to soldering onto the host board. To protect the device,
it’s important to use normal ESD handling precautions.
These include using grounded wrist straps, workbenches
and floor mats wherever the transceiver is handled.
The second case to consider is static discharges to the
exterior of the host equipment chassis after assembly.
If the optical interface is exposed to the exterior of host
equipment cabinet, the transceiver may be subject to
system level ESD requirements.
Electromagnetic Interference (EMI)
Equipment incorporating gigabit transceivers is typically
subject to regulation by the FCC in the United States, TUV
and CENELEC EN55022 (CISPR 22) in the European Union
and VCCI in Japan. The AFBR-59R5LZ’s compliance to
these standards is detailed in Table 1. The metal housing
and shielded design of the AFBR-59R5LZ minimize the
EMI challenge facing the equipment designer.
Flammability
The AFBR-59R5LZ optical transceiver is made of metal
and high strength, heat resistant, chemical resistant and
UL 94V-0 flame retardant plastic.
EMI Immunity
Due to its shielded design, the EMI immunity of the
AFBR-59R5LZ exceeds typical industry standards.
BAUART
GEPRUFT
TYPE
APPROVED
TUV
Rheinland
Product Safety
¨
¨


Similar Part No. - AFBR-59R5LZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
Broadcom Corporation.
AFBR-59R5LZ BOARDCOM-AFBR-59R5LZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFBR-59R5LZ BOARDCOM-AFBR-59R5LZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
More results

Similar Description - AFBR-59R5LZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57R6AEZ AVAGO-AFBR-57R6AEZ Datasheet
293Kb / 19P
   RoHS Compliant Optical Transceiver with Rate Select
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-57R6APZ AVAGO-AFBR-57R6APZ Datasheet
272Kb / 19P
   RoHS Compliant Optical Transceiver with Rate Select
logo
Finisar Corporation.
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com