Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-57R5ANPZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57R5ANPZ
Description  Low Voltage (3.3V) Fibre Channel Optical Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-57R5ANPZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-57R5ANPZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ANPZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ANPZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ANPZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ANPZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ANPZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ANPZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ANPZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ANPZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Receiver Section
The receiver section includes a Receiver Optical SubAs-
sembly (ROSA), pre-amplification and post-amplification
circuit, Clock and Data Recovery Circuit and an electrical
output stage with variable emphasis controls. The ROSA,
containing a high speed PIN detector, pre-amplifier and
imaging optics efficiently couple light from the LC con-
nector interface and perform an optical to electrical con-
version. The resulting differential electrical signal passes
through a post amplification circuit and into a Clock and
Data Recovery circuit (CDR) for cleaning up accumulated
jitter. The resulting signal is passed to a high speed output
line driver stage with variable, i2c controlled, emphasis
settings allowing the host to optimize signal characteris-
tics between the SFP and host ASIC. Note the Rx CDR is
engaged only with Rx_RATE=high (16GFC) and bypassed
with Rx_RATE=low (8G/4G).
Receiver Loss of Signal (Rx_LOS)
The post-amplification IC also includes transition detec-
tion circuitry which monitors the ac level of incoming op-
tical signals and provides a TTL/CMOS compatible status
signal to the host (pin 8). An adequate optical input results
in a low Rx_LOS output while a high Rx_LOS output in-
dicates an unusable optical input. The Rx_LOS thresholds
are factory set so that a high output indicates a definite
optical fault has occurred. Rx_LOS can also be monitored
via the two-wire serial interface (address A2h, byte 110,
bit 1).
Functional Data I/O
The AFBR-57F5PZ interfaces with the host circuit board
through twenty I/O pins (SFP electrical connector) identi-
fied by function in Table 2. The board layout for this inter-
face is depicted in Figure 6.
The AFBR-57F5PZ high speed transmit and receive inter-
faces require SFP MSA compliant signal lines on the host
board. To simplify board requirements, biasing resistors
and ac coupling capacitors are incorporated into the SFP
transceiver module (per SFF-8074i) and hence are not re-
quired on the host board. The Tx_Disable, Tx_Fault, and
Rx_LOS lines require TTL lines on the host board (per SFF-
8074i) if used. If an application chooses not to take advan-
tage of the functionality of these pins, care must be taken
to ground Tx_Disable (for normal operation).
Figure 2 depicts the recommended interface circuit to link
the AFBR-57F5PZ to supporting physical layer ICs. Timing
for MSA compliant control signals implemented in the
transceiver are listed in Figure 4.
Application Support
An Evaluation Kit and Reference Designs are available to
assist in evaluation of the AFBR-57F5PZ. Please contact
your local Field Sales representative for availability and
ordering details.
Caution
There are no user serviceable parts nor maintenance re-
quirements for the AFBR-57F5PZ. All mechanical adjust-
ments are made at the factory prior to shipment. Tam-
pering with, modifying, misusing or improperly handling
the AFBR-57F5PZ will void the product warranty. It may
also result in improper operation and possibly overstress
the laser source. Performance degradation or device fail-
ure may result. Connection of the AFBR-57F5PZ to a light
source not compliant with ANSI FC-PI specifications, oper-
ating above maximum operating conditions or in a man-
ner inconsistent with it’s design and function may result in
exposure to hazardous light radiation and may constitute
an act of modifying or manufacturing a laser product. Per-
sons performing such an act are required by law to re-cer-
tify and re-identify the laser product under the provisions
of U.S. 21 CFR (Subchapter J) and TUV.
Ordering Information
Please contact your local field sales engineer or one of
Avago Technologies franchised distributors for ordering
information. For technical information, please visit Avago
Technologies’ WEB page at www.avagotech.com or contact
Avago Technologies Semiconductor Products Customer
Response Center at 1-800-235-0312. For information re-
lated to SFF Committee documentation visit www.sffcom-
mittee.org.
Regulatory Compliance
The AFBR-57F5PZ complies with all applicable laws and
regulations as detailed in Table 1. Certification level is de-
pendent on the overall configuration of the host equip-
ment. The transceiver performance is offered as a figure of
merit to assist the designer.


Similar Part No. - AFCT-57R5ANPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57R5ANPZ AVAGO-AFCT-57R5ANPZ Datasheet
669Kb / 22P
   16GFC SFP Digital Diagnostic SFP, 850 nm, 16G/8G/4G Low Voltage (3.3 V) Fibre Channel Optical Transceiver
More results

Similar Description - AFCT-57R5ANPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57F5AMZ AVAGO-AFBR-57F5AMZ Datasheet
299Kb / 22P
   Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com