Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-57R5APZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-57R5APZ
Description  RoHS Compliant Optical Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-57R5APZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-57R5APZ_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
• Fully RoHS Compliant
• Diagnostic features per SFF-8472 “Diagnostic Moni-
toring Interface for Optical Transceivers”
• Real time monitoring of:
– Transmitted optical power
– Received optical power
– Laser bias current
– Temperature
– Supply voltage
• Wide temperature and supply voltage operation
(-10°C to 85°C) (3.3 V ± 10%)
• Transceiver specifications per SFP (SFF-8074i) Multi-
Source Agree-ment and SFF-8472 (revision 9.3)
– 4.25 GBd Fibre Channel operation for
FC-PI 400-M5-SN-I and 400-M6-SN-I
– 2.125 GBd Fibre Channel operation for
FC-PI 200-M5-SN-I and 200-M6-SN-I
– 1.0625 GBd Fibre Channel operation for
FC-PI 100-M5-SN-I and 100-M6-SN-I
• Link lengths at 4.25 GBd:
– 150 m with 50 µm MMF, 70 m with 62.5 µm MMF
• Link lengths at 2.125 GBd:
– 300 m with 50 µm MMF, 150 m with 62.5 µm MMF
• Link lengths at 1.0625 GBd:
– 500 m with 50 µm MMF, 300 m with 62.5 µm MMF
• LC Duplex optical connector interface conforming to
ANSI TIA/EIA604-10 (FOCIS 10)
• 850 nm Vertical Cavity Surface Emitting Laser (VCSEL)
source technology
• IEC 60825-1 Class 1/CDRH Class 1 laser eye safe
• Compatible with Gigabit Ethernet
AFBR-57R5APZ
Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd,
RoHS Compliant Optical Transceiver
Data Sheet
Description
Avago’s AFBR-57R5APZ optical transceiver supports
high-speed serial links over multimode optical fiber at
signaling rates up to 4.25 Gb/s. Compliant with Small
Form Pluggable (SFP) Multi Source Agreement (MSA)
mechanical and electrical specifications for LC Duplex
transceivers, ANSI Fibre Channel FC-PI, FC-PI-2 and com-
patible with IEEE 802.3 for gigabit applications. The part
is electrically interoperable with SFP conformant devices.
As an enhancement to the conventional SFP interface
defined in SFF-8074i, the AFBR-57R5APZ is compliant to
SFF-8472 (digital diagnostic interface for optical trans-
ceivers). Using the 2-wire serial interface defined in the
SFF-8472 MSA, the AFBR-57R5APZ provides real time
temperature, supply voltage, laser bias current, laser
average output power and received input power. This
information is in addition to conventional SFP base data.
The digital diagnostic interface also adds the ability to
disable the transmitter (TX_DISABLE), monitor for Trans-
mitter Faults (TX_FAULT), and monitor for Receiver Loss
of Signal (RX_LOS).
Applications
• Fibre channel systems
– Director class switches
– Fabric switches
– HBA cards
• Disk and tape drive arrays
Related Products
• AFBR-59R5LZ: 850 nm +3.3 V LC SFF 2x7 for
4.25/2.125/1.0625 GBd Fibre Channel
AFBR-57R5AP
Z
850nm
LASER
PROD
21CRF(
J) CLASS1
SINGAPORE
0446
SN: A
J0446CD1C
PPOC-4102-DI
n2
Patent - www.avagotech.com/patents


Similar Part No. - AFBR-57R5APZ_15

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-57R5APZ-AN1-C ATGBICS-AFBR-57R5APZ-AN1-C Datasheet
375Kb / 10P
   AFBR-57R5APZ-AN1 Avago Broadcom Compatible Transceiver SFP 4.25/2.125/1.0625/1.25GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
AFBR-57R5APZ-AN2-C ATGBICS-AFBR-57R5APZ-AN2-C Datasheet
375Kb / 10P
   AFBR-57R5APZ-AN2 Avago Broadcom Compatible Transceiver SFP 4.25/2.125/1.0625/1.25GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
AFBR-57R5APZ-C ATGBICS-AFBR-57R5APZ-C Datasheet
374Kb / 10P
   AFBR-57R5APZ Avago Broadcom Compatible Transceiver SFP 4.25/2.125/1.0625/1.25GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
AFBR-57R5APZ-CN2-C ATGBICS-AFBR-57R5APZ-CN2-C Datasheet
375Kb / 10P
   AFBR-57R5APZ-CN2 Avago Broadcom Compatible Transceiver SFP 4.25/2.125/1.0625/1.25GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
AFBR-57R5APZ-HT1-C ATGBICS-AFBR-57R5APZ-HT1-C Datasheet
375Kb / 10P
   AFBR-57R5APZ-HT1 Avago Broadcom Compatible Transceiver SFP 4.25/2.125/1.0625/1.25GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
More results

Similar Description - AFBR-57R5APZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-59R5LZ AVAGO-AFBR-59R5LZ_15 Datasheet
590Kb / 19P
   RoHS-Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57R6AEZ AVAGO-AFBR-57R6AEZ Datasheet
293Kb / 19P
   RoHS Compliant Optical Transceiver with Rate Select
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-57R6APZ AVAGO-AFBR-57R6APZ Datasheet
272Kb / 19P
   RoHS Compliant Optical Transceiver with Rate Select
logo
Finisar Corporation.
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com