Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-57R5ATPZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57R5ATPZ
Description  Low Voltage (3.3V) Fibre Channel Optical Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-57R5ATPZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-57R5ATPZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ATPZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ATPZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ATPZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ATPZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ATPZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ATPZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ATPZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5ATPZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Electromagnetic Interference (EMI)
Equipment incorporating gigabit transceivers is typically
subject to regulation by the FCC in the United States, CEN-
ELEC EN55022 (CISPR 22) in Europe and VCCI in Japan. The
AFBR-57F5PZ’s compliance to these standards is detailed
in Table 1. The metal housing and shielded design of the
AFBR-57F5PZ minimizes the EMI challenge facing the
equipment designer.
EMI Immunity (Susceptibility)
Due to its shielded design, the EMI immunity of the AFBR-
57F5PZ exceeds typical industry standards.
Flammability
The AFBR-57F5PZ optical transceiver is made of metal and
high strength, heat resistant, chemical resistant and UL
94V-0 flame retardant plastic.
Electrostatic Discharge (ESD)
The AFBR-57F5PZ is compatible with ESD levels found in
typical manufacturing and operating environments as de-
scribed in Table 1. In the normal handling and operation
of optical transceivers, ESD is of concern in two circum-
stances.
The first case is during handling of the transceiver prior to
insertion into an SFP compliant cage. To protect the de-
vice, it’s important to use normal ESD handling pre-cau-
tions. These include use of grounded wrist straps, work-
benches and floor wherever a transceiver is handled.
The second case to consider is static discharges to the
exterior of the host equipment chassis after installation.
If the optical interface is exposed to the exterior of host
equipment cabinet, the transceiver may be subject to sys-
tem level ESD requirements.
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
MIL-STD-883C
Class 1 (> 2000 Volts)
to the Electrical Pins
Method 3015.4
Electrostatic Discharge (ESD)
Variation of IEC 61000-4-2
Typically, no damage occurs with 25 kV when
to the Duplex LC Receptacle
the duplex LC connector receptacle is
contacted by a Human Body Model probe.
GR1089
10 contacts of 8 kV on the electrical faceplate
with device inserted into a panel.
Electrostatic Discharge (ESD)
Variation of IEC 801-2
Air discharge of 15 kV (min.) contact to
to the Optical Connector
connector without damage.
Electromagnetic Interference
FCC Class B
System margins are dependent on customer
(EMI)
CENELEC EN55022 Class B
board and chassis design.
(CISPR 22A)
VCCI Class 1
Immunity
Variation of IEC 61000-4-3
Typically shows no measurable effect from a
10 V/m field swept from 10 MHz to 1 GHz.
Laser Eye Safety and
US FDA CDRH AEL Class 1
CDRH certification 9720151-111
Equipment Type Testing
US21 CFR, Subchapter J per
TUV file 72102056
Paragraphs 1002.10
and 1002.12
(IEC) EN60825-1: 1994 + A11 + A2
(IEC) EN60825-2: 1994 + A1
(IEC) EN60950: 1992 + A1 + A2 +
A3 + A4 + A11
Component Recognition
Underwriters Laboratories and
UL file 8543036783
Canadian Standards Association
Joint Component Recognition
for Information Technology
Equipment including Electrical
Business Equipment
RoHS Compliance
Less than 1000 ppm of cadmium, lead, mercury,
hexavalent chromium, polybrominated biphenyls,
and polybrominated biphenyl ethers.
BAUART
GEPRUFT
TYPE
APPROVED
TUV
Rheinland
Product Safety
¬
¬


Similar Part No. - AFCT-57R5ATPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57R5ATPZ AVAGO-AFCT-57R5ATPZ Datasheet
669Kb / 22P
   16GFC SFP Digital Diagnostic SFP, 850 nm, 16G/8G/4G Low Voltage (3.3 V) Fibre Channel Optical Transceiver
logo
Broadcom Corporation.
AFCT-57R5ATPZ BOARDCOM-AFCT-57R5ATPZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFCT-57R5ATPZ BOARDCOM-AFCT-57R5ATPZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
More results

Similar Description - AFCT-57R5ATPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57F5AMZ AVAGO-AFBR-57F5AMZ Datasheet
299Kb / 22P
   Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com