Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABCU-5741AGZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABCU-5741AGZ
Description  Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABCU-5741AGZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ABCU-5741AGZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABCU-5741AGZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABCU-5741AGZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ABCU-5741AGZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ABCU-5741AGZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ABCU-5741AGZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ABCU-5741AGZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ABCU-5741AGZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ABCU-5741AGZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
Table 4. Summary of Internal IC Registers
Register
Description
0
Control
1
Status
2-3
N/A for SFP Module
4
Auto-Negotiation Advertisement
5
Auto-Negotiation Link Partner Ability
6
Auto-Negotiation Expansion
7
Auto-Negotiation Next Page Transmit
8
Auto-Negotiation Link Partner Received Next Page
9
MASTER-SLAVE Control Register
10
MASTER-SLAVE Status Register
11-15
N/A for SFP Module
16
Extended Control 1
17
Extended Status 1
18-19
N/A for SFP Module
20
Extended Control 2
21
Receive Error Counter
22
Cable Diagnostic 1
23-25
N/A for SFP Module
26
Extended Control 3
27
Extended Status 2
28
Cable Diagnostic 2
29-31
N/A for SFP Module
Internal ASIC Registers
The ASIC (or “PHY”, for Physical Layer IC) in the trans-
ceiver module contains 32 registers. Each register
contains 16 bits. The registers are summarized in
table 11 and detailed in table 12 through 28. Each bit
is either Read Only (RO) or Read/Write (R/W). Some
bits are also described as Latch High (LH) or Latch
Low (LL) and/or Self Clearing (SC).
The registers are accessible through the 2-wire se-
rial CMOS EEPROM protocol of the ATMEL AT24C01A
or equivalent. The address of the PHY is 1010110x,
where x is the R/W bit. Each register’s address is
000yyyyy, where yyyyy is the binary equivalent of the
register number. Write and read operations must send
or receive 16 bits of data, so the “multi-page” access
protocol must be used.


Similar Part No. - ABCU-5741AGZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
ABCU-5741AGZ-C ATGBICS-ABCU-5741AGZ-C Datasheet
193Kb / 7P
   ABCU-5741AGZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
More results

Similar Description - ABCU-5741AGZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABCU-5710RZ AVAGO-ABCU-5710RZ Datasheet
485Kb / 27P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
   3.3 V USB transceiver
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com