Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-57D9AMZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-57D9AMZ
Description  Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-57D9AMZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-57D9AMZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-57D9AMZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-57D9AMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-57D9AMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-57D9AMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-57D9AMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-57D9AMZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-57D9AMZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-57D9AMZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Storage Temperature
TS
-40
85
C
Note 1, 2
Case Operating Temperature
TC
-40
85
C
Note 1, 2
Relative Humidity (Non condensing)
RH
5
95
%
Note 1
Supply Voltage
VccT, R
-0.5
3.8
V
Note 1, 2, 3
Low Speed Input Voltage
VIN
-0.5
Vcc+0.5
V
Note 1
Notes;
1. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short
period of time. See Reliability Data Sheet for specific reliability performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability is
not implied, and damage to the device may occur over an extended period of time.
3. The module supply voltages, VCCT and VCCR must not differ by more than 0.5 V or damage to the device may occur.
Table 4. Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Case Operating Temperature
TC
-10
85
°C
Note 1, 2
Supply Voltage
VccT, R
2.97
3.63
V
Note 2
Data Rate
2.125
8.5
Gb/s
Note 2
Notes:
1. The Ambient Operating Temperature limitations are based on the Case Operating Temperature limitations and are subject to the host system
thermal design.
2. Recommended Operating Conditions are those values for which functional performance and device reliability is implied.
Table 5. Transceiver Electrical Characteristics
(TC = -10°C to 85°C, VccT, VccR = 3.3V ±10%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
AC Electrical Characteristics
Power Supply Noise Rejection (peak-peak)
PSNR
100
mV
Note 1
10Hz to 10MHz
DC Electrical Characteristics
Module Supply Current
ICC
235
mA
Power Dissipation
PDISS
825
mW
Low Speed Outputs:
VOH
2.0
VccT,R+0.3
V
Note 2
Transmit Fault (TX_FAULT), Loss of Signal
VOL
0.4
V
(RX_LOS), MOD-DEF 2
Low Speed Inputs:
VIH
2.0
Vcc
V
Note 3
Transmit Disable (TX_DIS), MOD-DEF 1,
VIL
0
0.8
V
MOD-DEF2,
Notes:
1. Filter per SFP specification is required on host board to remove 10 Hz to 2 MHz content.
2. Pulled up externally with a 4.7 k – 10 kΩ resistor on the host board to 3.3 V.
3. Mod-Def1 and Mod-Def2 must be pulled up externally with a 4.7 k – 10 kΩ resistor on the host board to 3.3V.


Similar Part No. - AFBR-57D9AMZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-57D9AMZ-1D-C ATGBICS-AFBR-57D9AMZ-1D-C Datasheet
374Kb / 10P
   AFBR-57D9AMZ-1D Avago Broadcom Compatible Transceiver SFP 8.5/4.25/2.125GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
AFBR-57D9AMZ-1H-C ATGBICS-AFBR-57D9AMZ-1H-C Datasheet
375Kb / 10P
   AFBR-57D9AMZ-1H Avago Broadcom Compatible Transceiver SFP 8.5/4.25/2.125GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
AFBR-57D9AMZ-2H-C ATGBICS-AFBR-57D9AMZ-2H-C Datasheet
375Kb / 10P
   AFBR-57D9AMZ-2H Avago Broadcom Compatible Transceiver SFP 8.5/4.25/2.125GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
AFBR-57D9AMZ-BR1-C ATGBICS-AFBR-57D9AMZ-BR1-C Datasheet
375Kb / 10P
   AFBR-57D9AMZ-BR1 Avago Broadcom Compatible Transceiver SFP 8.5/4.25/2.125GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
AFBR-57D9AMZ-BX1-C ATGBICS-AFBR-57D9AMZ-BX1-C Datasheet
375Kb / 10P
   AFBR-57D9AMZ-BX1 Avago Broadcom Compatible Transceiver SFP 8.5/4.25/2.125GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
More results

Similar Description - AFBR-57D9AMZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
   RoHS-Compliant Optical Transceiver for Fibre Channel
logo
Broadcom Corporation.
AFBR-57D7APZ BOARDCOM-AFBR-57D7APZ Datasheet
470Kb / 19P
   Digital Diagnostic SFP, 850 nm, 8.5/4.25/2.125 GBd Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57F5AMZ AVAGO-AFBR-57F5AMZ Datasheet
299Kb / 22P
   Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFBR-57F5PZ AVAGO-AFBR-57F5PZ Datasheet
517Kb / 22P
   Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com