Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABCU-5740AGZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABCU-5740AGZ
Description  Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABCU-5740AGZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ABCU-5740AGZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABCU-5740AGZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical
Pins
MIL-STD-883C Method 3015.4
JEDEC/EIA JES022-A114-A
Class 2 (2000 Volts)
Electrostatic Discharge
(ESD) to the RJ 45
Connector Receptacle
Variation of IEC 61000-4-2
Typically withstand 15 KV ( Air Discharge), 8 KV
(Contact) without damage when the RJ 45 connector
receptacle is contacted by a Human Body Model probe.
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
CENELEC EN55022 Class B
(CISPR 22A)VCCI Class 1
System margins are dependent on customer board and
chassis design.
Radiated Immunity
Variation of IEC 61000-4-3
Typically shows a negligible effect from a 10 V/m field
swept from 80 to 1000 MHz applied to the transceiver
without a chassis enclosure.
Component
Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment Including Electrical Business
Equipment
UL File # E173874
Grounding
Configuration
DC short between signal and chassis
grounds
- Meets all regulatory requirements as listed above.
- Compliant with system boards using multi-point
grounding scheme
ROHS Compliance
Chemical composition analysis
Less than 0.1% lead, mercury, hexavalent chromium,
polybrominated biphenyls, and polybrominated
biphenyl ethers by weight of homogeneous material.
Exemption for lead in high melting temperature solder
applied to module connector. Less than 0.01% cadmium
by weight of homogeneous material.
Application Support
Evaluation Kit
To help you in your preliminary transceiver evaluation,
Avago Technologies offers a 1.25 GBd Gigabit Ethernet
evaluation board. This board will allow testing of the
electrical parameters of transceiver. Please contact your
local Field Sales representative for availability and order-
ing details.
Regulatory Compliance
See Table 1 for transceiver Regulatory Compliance perfor-
mance. The overall equipment design will determine the
certification level. The transceiver performance is offered
as a figure of merit to assist the designer.
Immunity
Equipment hosting the ABCU-57xxxxZ modules will be
subjected to radio-frequency electromagnetic fields in
some environments. The transceivers have excellent im-
munity to such fields due to their shielded design.
Electrostatic Discharge (ESD)
There are two conditions in which immunity to ESD dam-
age is important. Table 1 documents our immunity to
both of these conditions. The first condition is during han-
dling of the transceiver prior to insertion into the trans-
ceiver port. To protect the transceiver, it is important to
use normal ESD handling precautions. These precautions
include using grounded wrist straps, work benches, and
floor mats in ESD controlled areas. The ESD sensitivity of
the ABCU-57xxxxZ is compatible with typical industry
production environments.
The second condition is static discharges to the exterior
of the host equipment chassis after installation. To the
extent that the RJ45 connector interface is exposed to the
outside of the host equipment chassis, it may be subject
to system-level ESD requirements. The ESD performance
of the ABCU-57xxxxZ exceeds typical industry standards.


Similar Part No. - ABCU-5740AGZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
ABCU-5740AGZ-C ATGBICS-ABCU-5740AGZ-C Datasheet
182Kb / 7P
   ABCU-5740AGZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
More results

Similar Description - ABCU-5740AGZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABCU-5710RZ AVAGO-ABCU-5710RZ Datasheet
485Kb / 27P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
   Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
   3.3 V USB transceiver
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com