Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-53D3Z Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-53D3Z
Description  RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-53D3Z Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-53D3Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-53D3Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-53D3Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-53D3Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-53D3Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-53D3Z Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-53D3Z Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-53D3Z Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFBR-53D3Z Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Figure 5. Package Outline Drawing for AFBR-53D3Z.
39.6
(1.56) MAX.
AREA
RESERVED
FOR
PROCESS
PLUG
12.7
(0.50)
25.4
(1.00)MAX.
12.7
(0.50)
20.32
(0.800)
20.32
(0.800)
DIMENSIONS ARE IN MILLIMETERS (INCHES).
ALL DIMENSIONS ARE ±0.025 mm UNLESS OTHERWISE SPECIFIED.
9.8
(0.386)
MAX.
+0.1
-0.05
0.25
+0.004
-0.002
(0.010
3.3 ± 0.38
(0.130 ± 0.015)
8X
)
20.32
(0.800)
2.5
(0.10)
SLOT DEPTH
XXXX-XXXX
ZZZZZ LASER PROD
21CFR(J) CLASS 1
COUNTRY OF ORIGIN YYWW
TX
RX
SLOT WIDTH
4.7
(0.185)
23.8
(0.937)
+0.25
-0.05
0.46
+0.010
-0.002
(0.018
)
9X Ø
1.3
(0.051)
2X Ø
15.8 ± 0.15
(0.622 ± 0.006)
+0.25
-0.05
1.27
+0.010
-0.002
(0.050
)
2X Ø
2.0 ± 0.1
(0.079 ± 0.004)
KEY:
YYWW = DATE CODE
FOR MULTIMODE MODULE:
XXXX-XXXX = AFBR-53xx
ZZZZ = 850 nm
0.51
(0.020)
2.54
(0.100)
AVAGO


Similar Part No. - AFBR-53D3Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-53D3Z BOARDCOM-AFBR-53D3Z Datasheet
228Kb / 16P
   RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
More results

Similar Description - AFBR-53D3Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-53D3Z BOARDCOM-AFBR-53D3Z Datasheet
228Kb / 16P
   RoHS Compliant 850 nm VCSEL 1x9 Fiber Optic Transceivers for Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
HFBR-53A3VEMZ AVAGO-HFBR-53A3VEMZ Datasheet
269Kb / 13P
   RoHS Compliant 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel
HFBR-5912EZ AVAGO-HFBR-5912EZ Datasheet
219Kb / 13P
   850 nm VCSEL Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
HFBR-5912EZ AVAGO-HFBR-5912EZ_15 Datasheet
265Kb / 13P
   850 nm VCSEL Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
logo
OPLINK Communications I...
DTR-1250-MM-SA OPLINK-DTR-1250-MM-SA Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
logo
JDS Uniphase Corporatio...
PLRXPL-VE-SG4-62-X JDSU-PLRXPL-VE-SG4-62-X Datasheet
1Mb / 22P
   RoHS-Compliant 4.25 Gbps 850 nm eSFP Transceivers
PLRXPL-VE-SG4-38 JDSU-PLRXPL-VE-SG4-38 Datasheet
489Kb / 22P
   RoHS-Compliant 4.25 Gbps 850 nm eSFP Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com