Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2198L Datasheet(PDF) 11 Page - New Japan Radio

Part # NJM2198L
Description  SRS 3D SURROUND AUDIO PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2198L Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJM2198L Datasheet HTML 5Page - New Japan Radio NJM2198L Datasheet HTML 6Page - New Japan Radio NJM2198L Datasheet HTML 7Page - New Japan Radio NJM2198L Datasheet HTML 8Page - New Japan Radio NJM2198L Datasheet HTML 9Page - New Japan Radio NJM2198L Datasheet HTML 10Page - New Japan Radio NJM2198L Datasheet HTML 11Page - New Japan Radio NJM2198L Datasheet HTML 12Page - New Japan Radio NJM2198L Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NJM2198
- 11 -
s
s
s
sAPPLICATION CIRCUIT
Parts No.
Value
Tolerance
Parts No.
Value
Tolerance
C1,C5
0.1µF
±5%
C8,C9,C10,C11,C15,C16,C18
10µF
±20%
C2,C13
0.01µF
±5%
C12
0.033µF
±5%
C3
0.22µF
±5%
C14
0.47µF
±5%
C4
0.047µF
±5%
C17
0.33µF
±5%
C6
1µF
±20%
R1,R2
10k
±5%
C7
100µF
SDIP- 22
12
3
4
5
67
89
10
11
12
13
14
15
16
17
18
19
20
21
22
NJM2198
++
++
+
+
+
+
+
3D Mono
3D Stereo
3D Sound
Bypass
11


Similar Part No. - NJM2198L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190D NJRC-NJM2190D Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190M NJRC-NJM2190M Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190V NJRC-NJM2190V Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
More results

Similar Description - NJM2198L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJM2704 NJRC-NJM2704 Datasheet
178Kb / 11P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2703 NJRC-NJM2703 Datasheet
178Kb / 10P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com