Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3001EAUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3001EAUP
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3001EAUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3001EAUP Datasheet HTML 4Page - Maxim Integrated Products MAX3001EAUP Datasheet HTML 5Page - Maxim Integrated Products MAX3001EAUP Datasheet HTML 6Page - Maxim Integrated Products MAX3001EAUP Datasheet HTML 7Page - Maxim Integrated Products MAX3001EAUP Datasheet HTML 8Page - Maxim Integrated Products MAX3001EAUP Datasheet HTML 9Page - Maxim Integrated Products MAX3001EAUP Datasheet HTML 10Page - Maxim Integrated Products MAX3001EAUP Datasheet HTML 11Page - Maxim Integrated Products MAX3001EAUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
10
20
30
40
50
60
10
30
20
40
50
60
70
80
90 100
CAPACITIVE LOAD (pF)
MAX3001E
RISE/FALL TIME vs. CAPACITIVE LOAD ON
I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
tHL
tLH
DATA RATE = 4Mbps
8
6
4
2
0
10
30
20
40
50
CAPACITIVE LOAD (pF)
MAX3002–MAX3012
RISE/FALL TIME vs. CAPACITIVE LOAD ON
I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
tLH
tHL
DATA RATE = 20Mbps
0
500
1000
1500
2000
10
20
60
80
100
CAPACITIVE LOAD (pF)
MAX3000E
RISE/FALL TIME vs. CAPACITIVE LOAD ON
I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
30
40
50
70
90
tLH
tHL
DATA RATE = 230kbps
0
10
20
30
40
50
60
10
30
20
40
50
60
70
80
90 100
CAPACITIVE LOAD (pF)
MAX3001E
RISE/FALL TIME vs. CAPACITIVE LOAD ON
I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
tHL
tLH
DATA RATE = 4Mbps
4
3
2
1
0
10
20
15
25
30
CAPACITIVE LOAD (pF)
MAX3002–MAX3012
RISE/FALL TIME vs. CAPACITIVE LOAD ON
I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
tLH
tHL
DATA RATE = 20Mbps
0
100
200
300
400
500
10
40
50
20
30
60
70
80
90 100
CAPACITIVE LOAD (pF)
DATA RATE = 230kbps
tPHL
tPLH
MAX3000E
PROPAGATION DELAY vs. CAPACITIVE LOAD ON
I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)


Similar Part No. - MAX3001EAUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3001EAUP MAXIM-MAX3001EAUP Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3001EAUP MAXIM-MAX3001EAUP Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
More results

Similar Description - MAX3001EAUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX13013 MAXIM-MAX13013 Datasheet
849Kb / 21P
   1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com