Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3030ECSE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3030ECSE
Description  짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3030ECSE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3030ECSE Datasheet HTML 1Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 2Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 3Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 4Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 5Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 6Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 7Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 8Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3
2
1
20
40
60
80
100
0
04
DRIVERS ENABLED
TA = +85
°C
TA = +25
°C
TA = 0
°C
MAX3030E/MAX3032E
SUPPLY CURRENT vs. DATA RATE
DATA RATE (bps)
10M
1M
100k
10k
1k
5
10
15
20
25
30
0
0.1k
100M
NO RESISTIVE LOAD, CL = 200pF,
ALL FOUR
TRANSMITTERS
SWITCHING
MAX3031E/MAX3033E
SUPPLY CURRENT vs. DATA RATE
DATA RATE (bps)
1M
100k
10k
1k
0.5
1.0
1.5
2.0
2.5
0
0.1k
10M
NO RESISTIVE LOAD, CL = 200pF,
ALL FOUR
TRANSMITTERS
SWITCHING
MAX3030E/MAX3032E
SUPPLY CURRENT vs. DATA RATE
DATA RATE (bps)
10M
1M
100k
10k
1k
90
100
110
120
130
80
0.1k
100M
ALL FOUR TRANSMITTERS
LOADED AND SWITCHING
RL = 100
Ω, CL = 200pF
MAX3031E/MAX3033E
SUPPLY CURRENT vs. DATA RATE
DATA RATE (bps)
1M
100k
10k
1k
91
94
97
100
88
0.1k
10M
ALL FOUR TRANSMITTERS
LOADED AND SWITCHING
RL = 100
Ω, CL = 200pF
MAX3030E
DRIVER PROPAGATION DELAY
(LOW TO HIGH)
MAX3030E toc09
10ns/div
DIFFERENTIAL
OUTPUT
2V/div
DI_
1V/div
MAX3030E
DRIVER PROPAGATION DELAY
(HIGH TO LOW)
MAX3030E toc10
10ns/div
DIFFERENTIAL
OUTPUT
2V/div
DI_
1V/div
MAX3031E
DRIVER PROPAGATION DELAY
(LOW TO HIGH)
MAX3030E toc11
20ns/div
DIFFERENTIAL
OUTPUT
2V/div
DI_
1V/div
MAX3031E
DRIVER PROPAGATION DELAY
(HIGH TO LOW)
MAX3030E toc12
20ns/div
DIFFERENTIAL
OUTPUT
2V/div
DI_
1V/div
Typical Operating Characteristics (continued)
(VCC = +3.3V and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3030ECSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3030ECSE MAXIM-MAX3030ECSE Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
More results

Similar Description - MAX3030ECSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com