Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3575 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3575
Description  60A Exposed Top Integrated PowIRstage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3575 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3575_15 Datasheet HTML 2Page - International Rectifier IR3575_15 Datasheet HTML 3Page - International Rectifier IR3575_15 Datasheet HTML 4Page - International Rectifier IR3575_15 Datasheet HTML 5Page - International Rectifier IR3575_15 Datasheet HTML 6Page - International Rectifier IR3575_15 Datasheet HTML 7Page - International Rectifier IR3575_15 Datasheet HTML 8Page - International Rectifier IR3575_15 Datasheet HTML 9Page - International Rectifier IR3575_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
July 16, 2014 | DATASHEET V3.2
6
IR3575
60A Exposed Top Integrated PowIRstage®
ELECTRICAL SPECIFICATIONS
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions.
Typical values represent the median values, which are related to 25°C.
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
PARAMETER
SYMBOL
MIN
MAX
UNIT
Recommended VIN Range
VIN
4.5
15
V
Recommended VCC Range
VCC
4.5
7
V
Recommended REFIN Range
REFIN
0.25
VCC - 2.5
V
Recommended Switching Frequency
ƒSW
200
1000
kHz
Recommended Operating Junction Temperature
TJ
-40
125
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Efficiency and Maximum Current
IR3575 Peak Efficiency
Note 1
η
Note 2. See Figure 2.
94.5
%
Note 3. See Figure 7.
93.5
%
IR3575 Maximum DC Current
Note 1
IDC_MAX
Note 2.
60
A
IR3575 Maximum Peak Current
Note 1
IPK_MAX
Note 4. 5ms load pulse
width, 10% load duty cycle.
90
A
PWM Comparator
PWM Input High Threshold
VPWM_HIGH
PWM Tri-state to High
2.5
V
PWM Input Low Threshold
VPWM_LOW
PWM Tri-state to Low
0.8
V
PWM Tri-state Float Voltage
VPWM_TRI
PWM Floating
1.2
1.65
2.1
V
Hysteresis
VPWM_HYS
Active to Tri-state or Tri-
state to Active, Note 1
65
76
100
mV
Tri-state Propagation Delay
tPWM_DELAY
PWM Tri-state to Low
transition to GATEL >1V
38
ns
PWM Tri-state to High
transition to GATEH >1V
18
ns
PWM Sink Impedance
RPWM_SINK
3.67
5.1
8.70
PWM Source Impedance
RPWM_SOURCE
3.67
5.1
8.70
Internal Pull up Voltage
VPWM_PULLUP
VCC > UVLO
3.3
V
Minimum Pulse Width
tPWM_MIN
Note 1
41
58
ns
Current Sense Amplifier
CSIN+/- Bias Current
ICSIN_BIAS
-100
0
100
nA
CSIN+/- Bias Current Mismatch
ICSIN_BIASMM
-50
0
50
nA
Calibrated Input Offset Voltage
VCSIN_OFFSET
Self-calibrated offset,
0.5V ≤ V(REFIN) ≤ 2.25V
±450
µV


Similar Part No. - IR3575_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3575MTRPBF IRF-IR3575MTRPBF Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
More results

Similar Description - IR3575_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3578 IRF-IR3578_15 Datasheet
82Kb / 1P
   50A Exposed-Top Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
   45A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
   50A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com