Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3575 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3575
Description  60A Exposed Top Integrated PowIRstage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3575 Datasheet(HTML) 2 Page - International Rectifier

  IR3575_15 Datasheet HTML 1Page - International Rectifier IR3575_15 Datasheet HTML 2Page - International Rectifier IR3575_15 Datasheet HTML 3Page - International Rectifier IR3575_15 Datasheet HTML 4Page - International Rectifier IR3575_15 Datasheet HTML 5Page - International Rectifier IR3575_15 Datasheet HTML 6Page - International Rectifier IR3575_15 Datasheet HTML 7Page - International Rectifier IR3575_15 Datasheet HTML 8Page - International Rectifier IR3575_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
July 16, 2014 | DATASHEET V3.2
2
IR3575
60A Exposed Top Integrated PowIRstage®
PINOUT DIAGRAM
Figure 3: IR3575 Pin Diagram, Top View
ORDERING INFORMATION
Package
Tape & Reel Qty
Part Number
PQFN, 32 Lead
6mm x 6mm
3000
IR3575MTRPBF
Package
Qty
Part Number
PQFN, 32 Lead
6mm x 6mm
100
IR3575MPBF
TYPICAL APPLICATION DIAGRAM
SW
PWM
VIN
PGND
Gate
Drivers
and
Current
Sense
Amplifier
LGND
VCC
PHSFLT#
IOUT
VCC
BOOST
VIN
VOUT
PWM
IOUT
PHSFLT#
BBRK#
BBRK#
REFIN
REFIN
CSIN-
CSIN+
IR3575
4.5V to 7V
4.5V to 15V
C2
10uF x 2
C5
0.22uF
C3
1uF
R1
10k
C4
0.22uF
R2
2.49k
L1
150nH
C7
470uF
3
18-23
24
25
26
27
29
28
30
1
2
16, 17
6-15
C1
0.1uF
PGND 4
31
TGND
No Connect
C8
1nF
C9
22nF
Optional for
diode emulation
setup
C6
22uF
Figure 4: Application Circuit with Current Sense Amplifier


Similar Part No. - IR3575_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3575MTRPBF IRF-IR3575MTRPBF Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
More results

Similar Description - IR3575_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3578 IRF-IR3578_15 Datasheet
82Kb / 1P
   50A Exposed-Top Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
   45A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
   50A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com