Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3566A Datasheet(PDF) 1 Page - International Rectifier

Part # IR3566A
Description  Dual Output Digital Multi-Phase Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3566A Datasheet(HTML) 1 Page - International Rectifier

  IR3566A Datasheet HTML 1Page - International Rectifier IR3566A Datasheet HTML 2Page - International Rectifier IR3566A Datasheet HTML 3Page - International Rectifier IR3566A Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual Output Digital Multi-Phase Controller
IR3566A
www.irf.com | © 2013 International Rectifier | Product Brief |
October 1, 2013 | V3.04
1
FEATURES
 Dual output 6+1 phase PWM Controller
 Fully supports AMD® SVI1 & SVI2 with dual
OCP and Intel® VR12
 PVI and SVI GPU VR modes
 Overclocking & Gaming Mode
 Switching frequency from 200kHz to 2MHz
per phase
 IR Efficiency Shaping Features including
Dynamic Phase Control and Automatic Power
State Switching
 Programmable 1-phase operation for Light
Loads and Active Diode Emulation for Very
Light Loads
 IR Adaptive Transient Algorithm (ATA) on both
loops minimizes output bulk capacitors and
system cost
 Auto-Phase Detection with auto-compensation
 Per-Loop Fault Protection: OVP, UVP, OCP,
OTP
 I2C/SMBus/PMBus system interface for
telemetry of Temperature, Voltage, Current &
Power for both loops
 Multiple Time Programming (MTP) with
integrated charge pump for easy custom
configuration
 Compatible with IR ATL and 3.3V tri-state
Drivers
 +3.3V supply voltage; -40°C to 85°C ambient
operation
 Pb-Free, RoHS, 6x6mm, 48-pin, 0.4mm pitch
QFN
ORDERING INFORMATION
DESCRIPTION
The IR3566A is a dual-loop digital multi-phase buck
controller designed for CPU voltage regulation and is
fully compliant with AMD® SVI1 & SVI2 and Intel
©
VR12 specifications.
The IR3566A includes IR
’s Efficiency Shaping
Technology to deliver exceptional efficiency at
minimum cost across the entire load range. IR Variable
Gate Drive optimizes the MOSFET gate drive voltage
based on real-time load current. IR
’s Dynamic Phase
Control adds/drops active phases based upon load
current and can be configured to enter 1-phase
operation and diode emulation mode automatically or
by command.
IR’s unique Adaptive Transient Algorithm (ATA), based
on proprietary non-linear digital PWM algorithms,
minimizes output bulk capacitors and Multiple Time
Programmable (MTP) storage saves pins and enables
a small package size. Device configuration and fault
parameters are easily defined using the IR Digital
Power Design Center (DPDC) GUI and stored in on-
chip MTP.
The IR3566A provides extensive OVP, UVP, OCP and
OTP fault protection and includes thermistor based
temperature sensing with VRHOT signal.
The IR3566A includes numerous features like register
diagnostics for fast design cycles and platform
differentiation, simplifying VRD design and enabling
fastest time-to-
market (TTM) with “set-and-forget”
methodology.
APPLICATIONS
 AMD® SVI1 & SVI2, Intel® VR12 based systems
 Servers and High End Desktop CPU VRs
 High Performance Graphics Processor
Base Part
Number
Package Type
Standard Pack
Orderable
Part Number
Form
Quantity
IR3566A
QFN 6 mm x 6 mm
Tape and Reel
3000
IR3566AMxxyyTRP
1
IR3566A
QFN 6 mm x 6 mm
Tape and Reel
3000
IR3566AMTRPBF
IR3566A
QFN 6 mm x 6 mm
Tray
4900
IR3566AMTYPBF
Notes:
1. Customer Specific Configuration File, where xx = Customer ID and yy = Configuration File (Codes assigned by IR Marketing).


Similar Part No. - IR3566A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566AMTRPBF IRF-IR3566AMTRPBF Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566AMXXYYTRP IRF-IR3566AMXXYYTRP Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR3566A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
   Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
   Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
logo
International Rectifier
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3584 IRF-IR3584_15 Datasheet
235Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A_15 Datasheet
355Kb / 4P
   Dual Output Digital Multi-Phase Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com