Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3563A Datasheet(PDF) 1 Page - International Rectifier

Part # IR3563A
Description  Single Output Digital Multi-Phase Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3563A Datasheet(HTML) 1 Page - International Rectifier

  IR3563A Datasheet HTML 1Page - International Rectifier IR3563A Datasheet HTML 2Page - International Rectifier IR3563A Datasheet HTML 3Page - International Rectifier IR3563A Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single Output Digital Multi-Phase Controller
IR3563A
www.irf.com | © 2013 International Rectifier | Product Brief |
October 1, 2013 | V3.04
1
FEATURES
 8-phase single output PWM Controller
 Intel® VR12 mode & Memory VR mode
 Overclocking & Gaming Mode
 PVI and SVI GPU VR modes
 Switching frequency from 200kHz to 2MHz
per phase
 IR Efficiency Shaping Features including Variable
Gate Drive, Dynamic Phase Control and
Automatic Power State Switching
 Programmable 1-phase operation for Light Loads
and Active Diode Emulation for Very Light Loads
 IR Adaptive Transient Algorithm (ATA) minimizes
output bulk capacitors and system cost
 Auto-Phase Detection with auto-compensation
 Fault Protection: OVP, UVP, OCP, OTP, CFP
 I2C/SMBus/PMBus system interface for telemetry
of Temperature, Voltage, Current & Power
 Multiple Time Programming (MTP) with integrated
charge pump for easy custom configuration
 Compatible with IR ATL and 3.3V tri-state Drivers
 +3.3V supply voltage; -40ºC to 85ºC ambient
operation
 Pb-Free, RoHS, 6x6mm 48-pin, 0.4mm pitch QFN
APPLICATIONS
 Intel® VR12 based systems
 Overclocked & Gaming platforms
DESCRIPTION
The IR3563A is a single-loop digital multi-phase
buck controller that controls up to 8 phases. The
IR3563A is fully Intel® VR12 compliant.
The IR3563A includes IR’s Efficiency Shaping
Technology to deliver exceptional efficiency at
minimum cost across the entire load range. IR
Variable Gate Drive optimizes the MOSFET gate
drive voltage based on real-
time load current. IR’s
Dynamic Phase Control adds/drops phases based
upon load current. The IR3563A can be configured
to enter 1-phase operation and active diode
emulation mode automatically or by command.
IR’s unique Adaptive Transient Algorithm (ATA),
based on proprietary non-linear digital PWM
algorithms, minimizes output bulk capacitors.
The I2C/PMBus interface can communicate with up
to 16 IR3563A-based VR loops. Device
configuration and fault parameters are easily defined
using the IR Digital Power Design Center (DPDC)
GUI and stored in on-chip MTP. MTP storage saves
pins and enables a small package size.
The IR3563A provides extensive OVP, UVP, OCP
and OTP fault protection and includes thermistor
based temperature sensing with VRHOT signal.
The IR3563A also includes numerous features like
register diagnostics for fast design cycles and
platform differentiation, simplifying VRD design and
enabling fastest time-to-
market with its “set-and-
forget” methodology.
ORDERING INFORMATION
Base Part
Number
Package Type
Standard Pack
Orderable
Part Number
Form
Quantity
IR3563A
QFN 6 mm x 6 mm
Tape and Reel
3000
IR3563AMxxyyTRP
1
IR3563A
QFN 6 mm x 6 mm
Tape and Reel
3000
IR3563AMTRPBF
IR3563A
QFN 6 mm x 6 mm
Tray
4900
IR3563AMTYPBF
Notes:
1. Customer Specific Configuration File, where xx = Customer ID and yy = Configuration File (Codes assigned by IR Marketing).


Similar Part No. - IR3563A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3563A IRF-IR3563A Datasheet
417Kb / 4P
   Single Output Digital Multi-Phase Controller
IR3563AMTRPBF IRF-IR3563AMTRPBF Datasheet
417Kb / 4P
   Single Output Digital Multi-Phase Controller
IR3563AMXXYYTRP IRF-IR3563AMXXYYTRP Datasheet
417Kb / 4P
   Single Output Digital Multi-Phase Controller
More results

Similar Description - IR3563A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3580 IRF-IR3580_15 Datasheet
322Kb / 7P
   Single Output Digital Multi-Phase Controller
IR3563A IRF-IR3563A Datasheet
417Kb / 4P
   Single Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
   Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
   Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
logo
International Rectifier
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
   Dual Output Digital Multi-Phase Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com