Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3558 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3558
Description  45A Integrated PowIRstage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3558 Datasheet(HTML) 4 Page - International Rectifier

  IR3558_15 Datasheet HTML 1Page - International Rectifier IR3558_15 Datasheet HTML 2Page - International Rectifier IR3558_15 Datasheet HTML 3Page - International Rectifier IR3558_15 Datasheet HTML 4Page - International Rectifier IR3558_15 Datasheet HTML 5Page - International Rectifier IR3558_15 Datasheet HTML 6Page - International Rectifier IR3558_15 Datasheet HTML 7Page - International Rectifier IR3558_15 Datasheet HTML 8Page - International Rectifier IR3558_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
September 10, 2012 | FINAL DATASHEET
4
IR3558
45A Integrated PowIRstage®
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
VCC
Bias voltage for control logic. Connect VCC to a 5V supply. Connect a minimum 0.1uF
capacitor between VCC and LGND.
2
LVCC
Supply voltage for the low-side driver. Connect LVCC to a 4.5V to 13.2V supply. Connect
a minimum 0.1uF capacitor between LVCC and PGND (pin 4).
3
HVCC
Supply voltage for the high-side driver. Connect HVCC to a 4.5V to 13.2V supply.
Connect a minimum 0.1uF capacitor between HVCC and PGND (pin 4).
4, 14, 15, 27
PGND
Power ground of low-side MOSFET driver and the synchronous MOSFET.
5, 28
GATEL
Low-side MOSFET driver pins that can be connected to a test point in order to observe
the waveform.
6 – 13
SW
Switch node of synchronous buck converter.
16 – 19
VIN
High current input voltage connection. Recommended operating range is 4.5V to 15V.
Connect at least two 10uF 1206 ceramic capacitors and a 0.1uF 0402 ceramic capacitor.
Place the capacitors as close as possible to VIN pins and PGND pins (14-15). The 0.1uF
0402 capacitor should be on the same side of the PCB as the IR3558.
20
BOOST
Bootstrap capacitor connection. The bootstrap capacitor provides the charge to turn on
the control MOSFET. Connect a minimum 0.22µF capacitor from BOOST to SW pin. Place
the capacitor as close to BOOST pin as possible and minimize the parasitic inductance of
the connection from the capacitor to SW pin. A 1Ω to 4Ω series resistor may be added
to slow down the SW rising and limit the surge current into the bootstrap capacitor on
start-up.
21
OT#
Open drain output of the phase fault circuits. Connect to an external pull-up resistor.
Output is low when an over temperature condition inside the device is detected.
22
PWM
PWM control input. Connect this pin to the PWM output of a controller that outputs
either a 3.3V tri-state PWM signal or a 1.8V International Rectifier’s Active Tri-Level
PWM signal.
23
EN
Enable control. 3.3V logic level input. Pulling this pin high to enable the device and
grounding it to shut down both MOSFETs and enter low quiescent mode.
24
LGND
Signal ground. Driver control logic, analog circuits and IC substrate are referenced to
this pin.
25
MODE
PWM mode selection. Grounding this pin to select the regular 3.3V tri-state PWM logic
or connecting it to VCC to select International Rectifier’s Active Tri-Level PWM logic.
26
OTSET
Over temperature set. The default is 150°C when this pin is floated. A resistor from this
pin to ground programs the over temperature threshold from 70°C to 150°C. See “Over
Temperature Threshold Set Resistor ROTSET” Section for the resistor selection details.


Similar Part No. - IR3558_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3558MTRPBF IRF-IR3558MTRPBF Datasheet
796Kb / 21P
   The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
More results

Similar Description - IR3558_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
   50A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
IR3556 IRF-IR3556_15 Datasheet
81Kb / 1P
   50A Integrated PowIRstage
IR3742 IRF-IR3742_15 Datasheet
1Mb / 26P
   20A Integrated PowIRstage
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
   40A Integrated PowIRstage
IR3552 IRF-IR3552_15 Datasheet
1Mb / 23P
   40A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com