Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV16211 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74CBTLV16211
Description  24-bit bus switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV16211 Datasheet(HTML) 2 Page - NXP Semiconductors

  74CBTLV16211_15 Datasheet HTML 1Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74CBTLV16211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 15 December 2011
2 of 16
NXP Semiconductors
74CBTLV16211
24-bit bus switch
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74CBTLV16211DGG
40 C to +125 C
TSSOP56 plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
74CBTLV16211DGV
40 C to +125 C
TSSOP56 plastic thin shrink small outline package; 56 leads;
body width 4.4 mm
SOT481-2
Fig 1.
Logic symbol
001aai097
1A0
1B0
1OE
56
234567910
11
12
13
14
54
53
52
51
50
48
47
46
45
44
43
42
1A1
1B1
1A2
1B2
1A3
1B3
1A4
1B4
1A5
1B5
1A6
1B6
1A7
1B7
1A8
1B8
1A9
1B9
1A10
1B10
1A11
1B11
2A0
2B0
2OE
55
15
16
18
20
21
22
23
24
25
26
27
28
41
40
39
37
36
35
34
33
32
31
30
29
2A1
2B1
2A2
2B2
2A3
2B3
2A4
2B4
2A5
2B5
2A6
2B6
2A7
2B7
2A8
2B8
2A9
2B9
2A10
2B10
2A11
2B11
Fig 2.
Logic diagram (one switch)
001aai099
nAn
nBn
nOE


Similar Part No. - 74CBTLV16211_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16211CGRDR TI-74CBTLV16211CGRDR Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
74CBTLV16211CZRDR TI-74CBTLV16211CZRDR Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Nexperia B.V. All right...
74CBTLV16211DGG NEXPERIA-74CBTLV16211DGG Datasheet
374Kb / 18P
   24-bit bus switch
74CBTLV16211DGG NEXPERIA-74CBTLV16211DGG Datasheet
373Kb / 18P
   24-bit bus switch
Rev. 7 - 9 November 2016
74CBTLV16211DGV NEXPERIA-74CBTLV16211DGV Datasheet
374Kb / 18P
   24-bit bus switch
More results

Similar Description - 74CBTLV16211_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
   24-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
   24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
   24-bit bus switch
74CBTLV16211 NEXPERIA-74CBTLV16211 Datasheet
373Kb / 18P
   24-bit bus switch
Rev. 7 - 9 November 2016
logo
Fairchild Semiconductor
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
   24-Bit Bus Switch
logo
Texas Instruments
SN74CBT16211 TI-SN74CBT16211 Datasheet
68Kb / 5P
[Old version datasheet]   24-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
   24-Bit Bus Switch
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211_07 Datasheet
304Kb / 8P
   24-Bit Bus Switch
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com