Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV3257 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74CBTLV3257
Description  Quad 1-of-2 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3257 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74CBTLV3257_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3257_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74CBTLV3257
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 16 December 2011
6 of 19
NXP Semiconductors
74CBTLV3257
Quad 1-of-2 multiplexer/demultiplexer
9.2 ON resistance
[1]
Typical values are measured at Tamb =25 C and nominal VCC.
[2]
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
9.3 ON resistance test circuit and graphs
Table 7.
Resistance RON
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
RON
ON resistance VCC = 2.3 V to 2.7 V;
see Figure 8 to Figure 10
[2]
ISW =64mA; VI = 0 V
-
4.2
8.0
-
15.0
ISW =24 mA; VI = 0 V
-
4.2
8.0
-
15.0
ISW = 15 mA; VI = 1.7 V
-
8.4
40.0
-
60.0
VCC = 3.0 V to 3.6 V;
see Figure 11 to Figure 13
ISW =64mA; VI =0V
-
4.0
7.0
-
11.0
ISW =24 mA; VI =0V
-
4.0
7.0
-
11.0
ISW = 15 mA; VI = 2.4 V
-
6.2
15.0
-
25.5
RON =VSW / ISW.(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 7.
Test circuit for measuring ON resistance
(one switch)
Fig 8.
ON resistance as a function of input voltage;
VCC = 2.5 V; ISW = 15 mA
001aai104
nA
nOE
VIL
nBn
GND
VCC
Vl
VSW
ISW
V
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aai109
7
5
9
11
RON
(
Ω)
3
(1)
(3)
(4)
(2)


Similar Part No. - 74CBTLV3257_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257BQ NXP-74CBTLV3257BQ Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74CBTLV3257BQ NEXPERIA-74CBTLV3257BQ Datasheet
359Kb / 21P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
74CBTLV3257BQ-Q100 NEXPERIA-74CBTLV3257BQ-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
74CBTLV3257D NEXPERIA-74CBTLV3257D Datasheet
359Kb / 21P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
More results

Similar Description - 74CBTLV3257_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com